Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM505LRBABF Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 2 Page - Texas Instruments

  DM505LRBABF Datasheet HTML 1Page - Texas Instruments DM505LRBABF Datasheet HTML 2Page - Texas Instruments DM505LRBABF Datasheet HTML 3Page - Texas Instruments DM505LRBABF Datasheet HTML 4Page - Texas Instruments DM505LRBABF Datasheet HTML 5Page - Texas Instruments DM505LRBABF Datasheet HTML 6Page - Texas Instruments DM505LRBABF Datasheet HTML 7Page - Texas Instruments DM505LRBABF Datasheet HTML 8Page - Texas Instruments DM505LRBABF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 290 page
background image
2
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Device Overview
Copyright © 2016–2017, Texas Instruments Incorporated
1.2
Applications
•
Drones
•
Robotics
•
Industrial Transportation (Forklift, Rail, Agriculture)
•
Factory and Building Automation cameras
1.3
Description
The DM505 is a highly optimized device for Vision Analytics and Machine Vision processing in Industrial
products such as drones, robots, forklifts, railroad and agriculture equipment. The Processor enables
sophisticated embedded vision processing integrating an optimal mix of real time performance, low power,
small form factor and camera processing for systems to interact in more intelligent, useful ways with the
physical world and the people in it.
The DM505 incorporates a heterogeneous, scalable architecture that includes a mix of TI’s fixed and
floating-point TMS320C66x digital signal processor (DSP) generation cores, Vision AccelerationPac
(EVE), and dual-Cortex-M4 processors. The device allows low power designs to meet demanding
embedded system budgets without sacrificing real-time processing performance to enable small form
factor designs. The DM505 also integrates a host of peripherals including interfaces for multi-camera input
(both parallel and serial), display outputs, audio and serial I/O, CAN and GigB Ethernet AVB.
TI provides application specific hardware and software through our Design Network Partners and a
complete set of development tools for the ARM, and DSP, including C compilers with TI RTOS to
accelerate time to market.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
DM505
S-PBGA (367)
15.0 mm × 15.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com