Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM505LRBABFR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABFR
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DM505LRBABFR Datasheet HTML 2Page - Texas Instruments DM505LRBABFR Datasheet HTML 3Page - Texas Instruments DM505LRBABFR Datasheet HTML 4Page - Texas Instruments DM505LRBABFR Datasheet HTML 5Page - Texas Instruments DM505LRBABFR Datasheet HTML 6Page - Texas Instruments DM505LRBABFR Datasheet HTML 7Page - Texas Instruments DM505LRBABFR Datasheet HTML 8Page - Texas Instruments DM505LRBABFR Datasheet HTML 9Page - Texas Instruments DM505LRBABFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 290 page
background image
6
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
Features
Device
DM505M
DM505L
Features
CTRL_WKUP_STD_FUSE_DIE_ID_2 [31:24] Base PN register bitfield
value(3)
156 (0x9C65)
156 (0x9C5D)
Processors/ Accelerators
Speed Grades
R
R
C66x™ VLIW DSP
DSP1
Yes
Yes
DSP2
Yes
No
Display Subsystem
VOUT1
Yes
Yes
SD_DAC
Yes
Yes
Embedded Vision Engine (EVE)
EVE1
Yes
Yes
ARM Dual Cortex-M4 Image Processing
Unit (IPU)
IPU1
Yes
Yes
Imaging Subsystem Processor (ISS) with
MIPI CSI-2 and CPI ports
ISP
Yes
Yes
WDR & Mesh LDC(1)
Yes
Yes
CAL_A
Yes
Yes
CAL_B
Yes
Yes
LVDS-RX
Yes
Yes
CPI
Yes
Yes
Video Input Port
(VIP)
VIP1
vin1a
Yes
Yes
vin1b
Yes
Yes
vin2a
Yes
Yes
vin2b
Yes
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512kB
256kB
General-Purpose Memory Controller
(GPMC)
GPMC
Yes
Yes
LPDDR2/DDR2/DDR3/DDR3L Memory
Controller
EMIF1 (optional with
SECDED)
up to 2GB
up to 2GB
Peripherals
Controller Area Network Interface (CAN)
DCAN1
Yes
Yes
MCAN
Yes(2)
Yes(2)
Enhanced DMA (EDMA)
EDMA
Yes
Yes
Embedded 8 channel ADC
ADC
Yes
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
RGMII Only
RGMII Only
GMAC_SW[1]
RGMII Only
RGMII Only
General-Purpose IO (GPIO)
GPIO
Up to 126
Up to 126
Inter-Integrated Circuit Interface (I2C)
I2C
2
2
System Mailbox Module
MAILBOX
2
2
Multichannel Audio Serial Port (McASP)
McASP1
16 serializers
16 serializers
McASP2
6 serializers
6 serializers
McASP3
6 serializers
6 serializers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com