Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM505LRBABFR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABFR
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DM505LRBABFR Datasheet HTML 7Page - Texas Instruments DM505LRBABFR Datasheet HTML 8Page - Texas Instruments DM505LRBABFR Datasheet HTML 9Page - Texas Instruments DM505LRBABFR Datasheet HTML 10Page - Texas Instruments DM505LRBABFR Datasheet HTML 11Page - Texas Instruments DM505LRBABFR Datasheet HTML 12Page - Texas Instruments DM505LRBABFR Datasheet HTML 13Page - Texas Instruments DM505LRBABFR Datasheet HTML 14Page - Texas Instruments DM505LRBABFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
11
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Table 4-1. Pin Attributes(1)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
M19
adc_in0
adc_in0
0
A
OFF
OFF
0
1.8
vdda_adc
NA
GPADC
NA
M20
adc_in1
adc_in1
0
A
OFF
OFF
0
1.8
vdda_adc
NA
GPADC
NA
M21
adc_in2
adc_in2
0
A
OFF
OFF
0
1.8
vdda_adc
NA
GPADC
NA
M22
adc_in3
adc_in3
0
A
OFF
OFF
0
1.8
vdda_adc
NA
GPADC
NA
N22
adc_in4
adc_in4
0
A
OFF
OFF
0
1.8
vdda_adc
NA
GPADC
NA
N21
adc_in5
adc_in5
0
A
OFF
OFF
0
1.8
vdda_adc
NA
GPADC
NA
P19
adc_in6
adc_in6
0
A
OFF
OFF
0
1.8
vdda_adc
NA
GPADC
NA
P18
adc_in7
adc_in7
0
A
OFF
OFF
0
1.8
vdda_adc
NA
GPADC
NA
P20
adc_vrefp
adc_vrefp
0
A
OFF
OFF
0
1.8
vdda_adc
NA
GPADC
NA
N15
cap_vddram_core1
cap_vddram_core1
CAP
M15
cap_vddram_core2
cap_vddram_core2
CAP
M14
cap_vddram_dspeve
cap_vddram_dspeve
CAP
A11
csi2_0_dx0
csi2_0_dx0
0
I
OFF
OFF
0
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
A12
csi2_0_dx1
csi2_0_dx1
0
I
OFF
OFF
0
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
A13
csi2_0_dx2
csi2_0_dx2
0
I
OFF
OFF
0
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
A15
csi2_0_dx3
csi2_0_dx3
0
I
OFF
OFF
0
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
A16
csi2_0_dx4
csi2_0_dx4
0
I
OFF
OFF
0
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
B11
csi2_0_dy0
csi2_0_dy0
0
I
OFF
OFF
0
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
B12
csi2_0_dy1
csi2_0_dy1
0
I
OFF
OFF
0
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
B13
csi2_0_dy2
csi2_0_dy2
0
I
OFF
OFF
0
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
B15
csi2_0_dy3
csi2_0_dy3
0
I
OFF
OFF
0
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
B16
csi2_0_dy4
csi2_0_dy4
0
I
OFF
OFF
0
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
T18
cvideo_rset
cvideo_rset
0
A
OFF
OFF
0
1.8
vdda_dac
NA
AVDAC
NA
T17
cvideo_tvout
cvideo_tvout
0
A
OFF
OFF
0
1.8
vdda_dac
NA
AVDAC
NA
P17
cvideo_vfb
cvideo_vfb
0
A
OFF
OFF
0
1.8
vdda_dac
NA
AVDAC
NA
N6
dcan1_rx
dcan1_rx
0
IO
PU
PU
15
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
gpio4_10
14
IO
Driver off
15
I
N5
dcan1_tx
dcan1_tx
0
IO
PU
PU
15
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
gpio4_9
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com