Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7761FDWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7761FDWR
Description  High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7761FDWR Datasheet(HTML) 5 Page - Texas Instruments

  ISO7761FDWR Datasheet HTML 1Page - Texas Instruments ISO7761FDWR Datasheet HTML 2Page - Texas Instruments ISO7761FDWR Datasheet HTML 3Page - Texas Instruments ISO7761FDWR Datasheet HTML 4Page - Texas Instruments ISO7761FDWR Datasheet HTML 5Page - Texas Instruments ISO7761FDWR Datasheet HTML 6Page - Texas Instruments ISO7761FDWR Datasheet HTML 7Page - Texas Instruments ISO7761FDWR Datasheet HTML 8Page - Texas Instruments ISO7761FDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
ISO7760, ISO7761
ISO7762, ISO7763
www.ti.com
SLLSER1A – AUGUST 2017 – REVISED AUGUST 2017
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values.
(3)
Maximum voltage must not exceed 6 V
6 Specifications
6.1 Absolute Maximum Ratings
See
(1)
MIN
MAX
UNIT
VCC1,
VCC2
Supply voltage(2)
–0.5
6
V
V
Voltage at INx, OUTx
–0.5
VCCX + 0.5
(3)
V
IO
Output current
–15
15
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±6000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC1, VCC2 Supply voltage
2.25
5.5
V
VCC(UVLO+) UVLO threshold when supply voltage is rising
2
2.25
V
VCC(UVLO-)
UVLO threshold when supply voltage is falling
1.7
1.8
V
VHYS(UVLO) Supply voltage UVLO hysteresis
100
200
mV
IOH
High-level output current
VCCO
(1) = 5 V
–4
mA
VCCO = 3.3 V
–2
VCCO = 2.5 V
–1
IOL
Low-level output current
VCCO = 5 V
4
mA
VCCO = 3.3 V
2
VCCO = 2.5 V
1
VIH
High-level input voltage
0.7 × VCCI
(1)
VCCI
V
VIL
Low-level input voltage
0
0.3 × VCCI
V
DR
Data rate
0
100
Mbps
TA
Ambient temperature
–55
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com