Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7761FDWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7761FDWR
Description  High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7761FDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7761FDWR Datasheet HTML 7Page - Texas Instruments ISO7761FDWR Datasheet HTML 8Page - Texas Instruments ISO7761FDWR Datasheet HTML 9Page - Texas Instruments ISO7761FDWR Datasheet HTML 10Page - Texas Instruments ISO7761FDWR Datasheet HTML 11Page - Texas Instruments ISO7761FDWR Datasheet HTML 12Page - Texas Instruments ISO7761FDWR Datasheet HTML 13Page - Texas Instruments ISO7761FDWR Datasheet HTML 14Page - Texas Instruments ISO7761FDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
ISO7760, ISO7761
ISO7762, ISO7763
www.ti.com
SLLSER1A – AUGUST 2017 – REVISED AUGUST 2017
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6.11 Electrical Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –2 mA; see Figure 12
VCCO
(1) – 0.3
3.2
V
VOL
Low-level output voltage
IOL = 2 mA; see Figure 12
0.1
0.3
V
VIT+(IN)
Rising input threshold voltage
0.6 x VCCI
0.7 x
VCCI
V
VIT-(IN)
Falling input threshold voltage
0.3 x VCCI
0.4 x VCCI
V
VI(HYS)
Input threshold voltage hysteresis
0.1 × VCCI
0.2 x VCCI
V
IIH
High-level input current
VCCIIH = V
(1) at INx
10
μA
IIL
Low-level input current
VIL = 0 V at INx
–10
μA
CMTI
Common-mode transient
immunity
VI = VCCI or 0 V, VCM = 1200 V; see
Figure 14
85
100
kV/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com