Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7763FDWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7763FDWR
Description  High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7763FDWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7763FDWR Datasheet HTML 1Page - Texas Instruments ISO7763FDWR Datasheet HTML 2Page - Texas Instruments ISO7763FDWR Datasheet HTML 3Page - Texas Instruments ISO7763FDWR Datasheet HTML 4Page - Texas Instruments ISO7763FDWR Datasheet HTML 5Page - Texas Instruments ISO7763FDWR Datasheet HTML 6Page - Texas Instruments ISO7763FDWR Datasheet HTML 7Page - Texas Instruments ISO7763FDWR Datasheet HTML 8Page - Texas Instruments ISO7763FDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ISO7760, ISO7761
ISO7762, ISO7763
SLLSER1A – AUGUST 2017 – REVISED AUGUST 2017
ISO776x High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
1
1 Features
1
•
Signaling Rate: Up to 100 Mbps
•
Wide Supply Range: 2.25 V to 5.5 V
•
2.25-V to 5.5-V Level Translation
•
Default Output High and Low Options
•
Wide Temperature Range: –55°C to +125°C
•
Low Power Consumption, Typical 1.4 mA per
Channel at 1 Mbps
•
Low Propagation Delay: 11 ns Typical
(5-V Supplies)
•
High CMTI: ±100 kV/μs Typical
•
Robust Electromagnetic Compatibility (EMC)
•
System-Level ESD, EFT, and Surge Immunity
•
Low Emissions
•
Isolation Barrier Life: >40 Years
•
Wide-SOIC (DW-16) and QSOP (DBQ-16)
Package Options
•
Safety-Related Certifications:
–
Reinforced Insulation per DIN V VDE V 0884-
11:2017-01
–
UL 1577 Component Recognition Program
–
CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 60601-1 End Equipment
Standards
–
CQC Certification per GB4943.1-2011
–
TUV Certification according to EN 60950-1 and
EN 61010-1
–
All Certifications are Planned
2 Applications
•
Factory Automation and Control
•
Test and Measurement
•
Telecom Infrastructure
•
Grid Infrastructure
•
Medical, Healthcare, and Fitness
3 Description
The ISO776x devices are high-performance, six-
channel
digital
isolators
with
5000-VRMS
(DW
package) and 2500-VRMS (DBQ packages) isolation
ratings per UL 1577. This family of devices is also
certified according to VDE, CSA, TUV and CQC.
The ISO776x family of devices provides high-
electromagnetic immunity and low emissions at low-
power
consumption,
while
isolating
CMOS
or
LVCMOS digital I/Os. Each isolation channel has a
logic-input and logic-output buffer separated by a
silicon dioxide (SiO2) insulation barrier. The ISO776x
family of devices is available in all possible pin
configurations such that all six channels are in the
same direction, or one, two, or three channels are in
reverse direction while the remaining channels are in
forward direction. If the input power or signal is lost,
the default output is high for devices without suffix F
and low for devices with suffix F. See the Device
Functional Modes section for further details.
Used in conjunction with isolated power supplies, this
family of devices helps prevent noise currents on a
data bus or other circuits from entering the local
ground and interfering with or damaging sensitive
circuitry. Through innovative chip design and layout
techniques,
electromagnetic
compatibility
of
the
ISO776x family of devices has been significantly
enhanced to ease system-level ESD, EFT, surge, and
emissions
compliance.
The
ISO776x
family
of
devices is available in 16-pin SOIC and QSOP
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7760
ISO7761
ISO7762
IOS7763
SOIC (16)
10.30 mm × 7.50 mm
SSOP (16)
4.90 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
VCCI and GNDI are the supply and ground
connections respectively for the input
channels.
VCCO and GNDO are the supply and
ground connections respectively for the
output channels.


Similar Part No. - ISO7763FDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7763FDWR TI1-ISO7763FDWR Datasheet
2Mb / 40P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7763FDWR TI2-ISO7763FDWR Datasheet
2Mb / 52P
ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
REVISED JANUARY 2024
ISO7763FDWR TI2-ISO7763FDWR Datasheet
2Mb / 52P
ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
REVISED JANUARY 2024
ISO7763FDWR.A TI2-ISO7763FDWR.A Datasheet
2Mb / 52P
ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
REVISED JANUARY 2024
ISO7763FDWR.A TI2-ISO7763FDWR.A Datasheet
2Mb / 52P
ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
REVISED JANUARY 2024
More results

Similar Description - ISO7763FDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1 Datasheet
2Mb / 43P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com