Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4801HWSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT4801HWSC
Description  Dual Output LCD Bias for Smartphones and Tablets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4801HWSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT4801HWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
RT4801H
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4801H-00
May
2016
4
Absolute Maximum Ratings (Note 1)
Supply Input Voltage VIN Pin ---------------------------------------------------------------------------------------0.3V to 6V
Output Voltage VOP Pins--------------------------------------------------------------------------------------------
0.3V to 7V
Output Voltage VON Pins -------------------------------------------------------------------------------------------
7V to 0.3V
Others Pin to GND ----------------------------------------------------------------------------------------------------
0.3V to 6V
Power Dissipation, PD @ TA = 25°C
WL-CSP-15B 1.31x2.07 (BSC) -----------------------------------------------------------------------------------
2.00W
Package Thermal Resistance (Note 2)
WL-CSP-15B 1.31x2.07 (BSC),
JA -----------------------------------------------------------------------------49.8°C/W
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------
260C
Junction Temperature -----------------------------------------------------------------------------------------------
150C
Storage Temperature Range --------------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------
2kV
MM (Machine Model) -----------------------------------------------------------------------------------------------
200V
Recommended Operating Conditions (Note 4)
Supply Input Voltage -------------------------------------------------------------------------------------------------
2.5V to 5.5V
Ambient Temperature Range---------------------------------------------------------------------------------------
40C to 85C
Junction Temperature Range --------------------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VIN = 3.7V, CIN = COP = CF1 = 4.7F, CBST = CON= 10F, L1 = 2.2H, TA = 25°C, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply
Input Voltage Range
VIN
2.5
--
5.5
V
Under Voltage Lockout
Threshold Voltage
VUVLO_H
VIN Rising
--
--
2.5
V
VUVLO_L
VIN Falling
--
--
2.3
Over-Temperature Protection
TOTP
(Note 5)
--
140
--
°C
Over-Temperature Protection
Hysteresis
TOTP_HYST
(Note 5)
--
15
--
°C
Shutdown Current
ISHDN
ENP = ENN = 0V
--
--
1
A
Boost Converter
Boost Voltage Range
VBST
4.15
--
6.2
V
Peak Current Limit
IOCP
--
1
--
A
Boost Switching Frequency
fOSC_P
0.8
1
1.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com