Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4801HWSC Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT4801HWSC
Description  Dual Output LCD Bias for Smartphones and Tablets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4801HWSC Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT4801HWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
RT4801H
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4801H-00
May
2016
www.richtek.com
17
VIN = 3.7V, VOP = 5V, VON = 5V,
No Load, ENP prior ENN On
ENP
(5V/Div)
ENN
(5V/Div)
(5V/Div)
IIN
(200mA/Div)
Time (1ms/Div)
Power On
VOP
VON
VIN = 3.7V, VOP = 5V, VON = 5V,
No Load, ENP prior ENN Off
ENP
(5V/Div)
ENN
(5V/Div)
(5V/Div)
IIN
(200mA/Div)
Time (1ms/Div)
Power Off
VOP
VON
VIN = 3.7V, VOP = 5V, VON = 5V,
No Load, ENN prior ENP On
ENP
(5V/Div)
ENN
(5V/Div)
(5V/Div)
IIN
(200mA/Div)
Time (1ms/Div)
Power On
VOP
VON
VIN = 3.7V, VOP = 5V, VON = 5V,
No Load, ENN prior ENP Off
ENP
(5V/Div)
ENN
(5V/Div)
(5V/Div)
IIN
(200mA/Div)
Time (1ms/Div)
Power Off
VOP
VON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com