Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2832 Datasheet(PDF) 7 Page - NEC

Part # PS2832
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2832 Datasheet(HTML) 7 Page - NEC

  PS2832 Datasheet HTML 1Page - NEC PS2832 Datasheet HTML 2Page - NEC PS2832 Datasheet HTML 3Page - NEC PS2832 Datasheet HTML 4Page - NEC PS2832 Datasheet HTML 5Page - NEC PS2832 Datasheet HTML 6Page - NEC PS2832 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PS2832-1, -4, PS2833-1, -4
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering
•
Peak reflow temperature
235 ˚C (package surface temperature)
•
Time of temperature higher than 210 ˚C
30 seconds or less
•
Number of reflows
Three
•
Flux
Rosin flux containing small amount of chlorine (The flux
with a maximum chlorine content of 0.2 Wt % is
recommended).
(2) Dip soldering
•
Temperature
260 ˚C or below (molten solder temperature)
•
Time
10 seconds or less
•
Number of times
One
•
Flux
Rosin flux containing small amount of chlorine (The flux
with a maximum chlorine content of 0.2 Wt % is recommended).
(3) Cautions
•Fluxes
Avoid removing the residual flux with chlorine-based cleaning solvent after a reflow process.
CAUTIONS REGARDING NOISE
Be aware that when voltage is applied suddenly between the photocoupler's input and output or between corrector-emitters at
start-up, the output side may enter the on state, even if the voltage is within the absolute maximum ratings.
Time (s)
100 to 160 ˚C
60 to 120 s
(preheating)
(heating)
to 10 s
to 30 s
235 ˚C (peak temperature)
210 ˚C
EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
Internet: http://WWW.CEL.COM
01/24/2002
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com