Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2832 Datasheet(PDF) 1 Page - NEC

Part # PS2832
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2832 Datasheet(HTML) 1 Page - NEC

  PS2832 Datasheet HTML 1Page - NEC PS2832 Datasheet HTML 2Page - NEC PS2832 Datasheet HTML 3Page - NEC PS2832 Datasheet HTML 4Page - NEC PS2832 Datasheet HTML 5Page - NEC PS2832 Datasheet HTML 6Page - NEC PS2832 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HIGH ISOLATION VOLTAGE
HIGH COLLECTOR TO EMITTER VOLTAGE
SOP MULTI OPTOCOUPLER
FEATURES
•
HIGH COLLECTOR TO EMITTER VOLTAGE
VCEO = 300 V : PS2832-1,-4
VCEO = 350 V : PS2833-1,-4
•
SMALL THIN PACKAGE
4, 16-pin SOP, pin pitch 1.27 mm
•
HIGH ISOLATION VOLTAGE
BV = 2500 Vr.m.s.
•
HIGH CURRENT TRANSFER RATIO
CTR = 2000 % TYP
•
TAPING PRODUCT NUMBER
PS2832-1-F3, F4, PS2833-1-F3, F4
PS2832-4-F3, F4, PS2833-4-F3, F4
DESCRIPTION
PS2832-1,-4 and PS2833-1,-4 are optically coupled isolators
containing a GaAs light emitting diode and an NPN silicon
darlington-connected phototransistor. The package is an SSOP
(Super Small Out-Line Package) type for high density mount-
ing applications.
PS2832-1,-4
PS2833-1,-4
1. Test Circuit for Switching Time
PULSE INPUT
PW = 1 ms
Duty Cycle = 1/10
()
IF
Vout
RL = 100
Ω
50
Ω
VCC
APPLICATIONS
•
HYBRID IC
•
TELEPHONE / TELEGRAPH RECEIVER
•
FAX
ELECTRICAL CHARACTERISTICS (TA = 25°C)
PART NUMBER
PS2832-1, -4, PS2833-1, -4
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA
V
1.2
1.4
IR
Reverse Current, VR = 5 V
µA
5
CTerminal Capacitance, V = 0, f = 1.0 MHz
pF
15
ICEO
Collector to Emitter Current
nA
400
IF = 0 mA, VCE = 300 V
CTR
Current Transfer Ratio, (IC/IF) IF = 1 mA, VCE = 2 V
%
400
2000
4500
VCE(sat)
Collector Saturation Voltage, IF = 1 mA, IC = 2 mA
V
1.0
RI-O
Isolation Resistance, Vin-out = 1.0 kVDC
Ω
1011
CI-O
Isolation Capacitance, V = 0, f = 1.0 MHz
pF
0.4
tr
Rise Time1, VCC = 5 V, IC = 10 mA, RL = 100 Ω
µs20
tf
Fall Time1, VCC = 5 V, IC = 10 mA, RL = 100 Ω
µs5
California Eastern Laboratories


Similar Part No. - PS2832

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2832-1 RENESAS-PS2832-1 Datasheet
261Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2832-1 CEL-PS2832-1 Datasheet
431Kb / 13P
HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
PS2832-1-A CEL-PS2832-1-A Datasheet
431Kb / 13P
HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2832-1-F3 RENESAS-PS2832-1-F3 Datasheet
261Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2832-1-F3 CEL-PS2832-1-F3 Datasheet
431Kb / 13P
HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS2832

ManufacturerPart #DatasheetDescription
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1_15 Datasheet
242Kb / 15P
HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com