Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6880 Datasheet(PDF) 21 Page - Princeton Technology Corp

Part # PT6880
Description  OLED Driver/Controller IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6880 Datasheet(HTML) 21 Page - Princeton Technology Corp

Back Button PT6880 Datasheet HTML 17Page - Princeton Technology Corp PT6880 Datasheet HTML 18Page - Princeton Technology Corp PT6880 Datasheet HTML 19Page - Princeton Technology Corp PT6880 Datasheet HTML 20Page - Princeton Technology Corp PT6880 Datasheet HTML 21Page - Princeton Technology Corp PT6880 Datasheet HTML 22Page - Princeton Technology Corp PT6880 Datasheet HTML 23Page - Princeton Technology Corp PT6880 Datasheet HTML 24Page - Princeton Technology Corp PT6880 Datasheet HTML 25Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
OLED Driver/Controller IC
Preliminary
PT6880
During a Display Data Write, the function of the I/D and others will not be altered even if the cursor
is not present. Please refer to the figure below.
5 x 8 Dot
Character Font
5 x 10 Dot
Character Font
Cursor
Cursor
B : Blinking Control Bit
When B is set to '1", the character specified by the cursor blinks. The blinking feature is
displayed by switching between the blank dots and the displayed character at a speed of
409.6ms intervals when the fcp or fosc is 250kHz. Please refer to the figure below.
Figure 1
Figure 2
Note: Figure 1 and 2 are alternately displayed
The cursor and the blinking can be set to display at the same time. The blinking frequency
depends on the fosc or the reciprocal of fcp.
To illustrate, when fcp =270kHz, then, the blinking frequency = 409.6 x 250/270 = 379.2ms
PT6880 pre 1.1
Page 21
Mar. 2002
Cursor / Display Shift Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com