Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6880 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT6880
Description  OLED Driver/Controller IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6880 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT6880 Datasheet HTML 9Page - Princeton Technology Corp PT6880 Datasheet HTML 10Page - Princeton Technology Corp PT6880 Datasheet HTML 11Page - Princeton Technology Corp PT6880 Datasheet HTML 12Page - Princeton Technology Corp PT6880 Datasheet HTML 13Page - Princeton Technology Corp PT6880 Datasheet HTML 14Page - Princeton Technology Corp PT6880 Datasheet HTML 15Page - Princeton Technology Corp PT6880 Datasheet HTML 16Page - Princeton Technology Corp PT6880 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
OLED Driver/Controller IC
Preliminary
PT6880
bits 0 to 4 is set to "1", the corresponding display location will light up regardless of the
cursor position.
6.
When the Character Code Bits 4 to 7 are set to "0", then the CGRAM Character
Pattern is selected. It must be noted that Character Code Bit 3 is not relevant and will not
have any effect on the character display. Because of this, the first Character Pattern shown
above ( R ) can be displayed when the Character Code is 00H or 08H.
RELATIONSHIP BETWEEN CGRAM ADDRESS, DDRAM CHARACTER CODE AND
CGRAM CHARACTER PATTERNS (FOR 5 X10 DOT CHARACTER PATTERN)
Character Codes (DDRAM Data)
CGRAM Address
Character Patterns (CGRAM Data)
7
6
5
4
3
2
1
0
5
4
3
2
1
0
7
6
5
4
3
2
1
0
High
Low
High
Low
High
Low
0
0
0
0
*
*
*
0
0
0
0
0
0
0
0
1
*
*
*
0
0
0
0
0
0
0
1
0
*
*
*
1
0
1
1
0
0
0
1
1
*
*
*
1
1
0
0
1
0
1
0
0
*
*
*
1
0
0
0
1
0
1
0
1
*
*
*
1
0
0
0
1
0
1
1
0
*
*
*
1
1
1
1
0
0
1
1
1
*
*
*
1
0
0
0
0
1
0
0
0
*
*
*
1
0
0
0
0
1
0
0
1
*
*
*
1
0
0
0
0
Character Pattern
0
0
0
0
*
0
0
*
0
0
1
0
1
0
*
*
*
0
0
0
0
0
Cursor Position
1
0
1
1
*
*
*
*
*
*
*
*
1
1
0
0
*
*
*
*
*
*
*
*
1
1
0
1
*
*
*
*
*
*
*
*
1
1
1
0
*
*
*
*
*
*
*
*
1
1
1
1
*
*
*
*
*
*
*
*
0
0
0
0
*
*
*
*
*
*
*
*
0
0
0
1
*
*
*
*
*
*
*
*
1
0
0
1
*
*
*
*
*
*
*
*
0
0
0
0
*
1
1
*
1
1
1
0
1
0
*
*
*
*
*
*
*
*
1
0
1
1
*
*
*
*
*
*
*
*
1
1
0
0
*
*
*
*
*
*
*
*
1
1
0
1
*
*
*
*
*
*
*
*
1
1
1
0
*
*
*
*
*
*
*
*
1
1
1
1
*
*
*
*
*
*
*
*
Notes:
1.
* = Not Relevant
2.
The character pattern row positions correspond to the CGRAM data bits -- 0 to 4, where
bit 4 is in the left position.
3.
Character Code Bits 1 and 2 correspond to the CGRAM Address Bits -- 4 and 5
respectively (2 bits : 4 types)
4.
If the CGRAM Data is set to "1", then the selection is displayed. If the CGRAM is set to
"0", there no selection is made.
5.
The CGRAM Address Bits 0 to 3 are used to define the character pattern line position. The
11th line is the cursor position and its display is formed by the logical OR with the cursor.
PT6880 pre 1.1
Page 13
Mar. 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com