Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9986A Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9986A
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986A Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9986A Datasheet HTML 2Page - Richtek Technology Corporation RT9986A Datasheet HTML 3Page - Richtek Technology Corporation RT9986A Datasheet HTML 4Page - Richtek Technology Corporation RT9986A Datasheet HTML 5Page - Richtek Technology Corporation RT9986A Datasheet HTML 6Page - Richtek Technology Corporation RT9986A Datasheet HTML 7Page - Richtek Technology Corporation RT9986A Datasheet HTML 8Page - Richtek Technology Corporation RT9986A Datasheet HTML 9Page - Richtek Technology Corporation RT9986A Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
DS9986A-00 May 2011
www.richtek.com
RT9986A
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
FB1
Feedback Input Pin of CH1.
2
VREF
1.8V Reference Output Pin.
3
FB6
Feedback Input Pin of CH6.
4
VOUT6
Sense Input Pin of CH6 Inverting Output Node.
5
FB7
Feedback input pin of CH7 in step-up mode or current sink pin of CH7 in current
source mode.
6
PVDD7
Power Output Pin of CH7.
7
LX7
Switch Node of CH7 in Step-Up Mode. LX7 initial voltage determines CH7
operation mode.
8
EN7
Enable Pin of CH7 and PWM Dimming Signal Input Pin.
9
LX4
Switch Node of CH4.
10
PVDD4
Power Input Pin of CH4.
11
FB4
Feedback Input Pin of CH4.
12
VCHK
Sense Pin of Voltage Detector.
13
VNEG
Output Pin of Negative Regulator.
14
FB3
Feedback Input Pin of CH3.
15
PVDD3
Power Input Pin of CH3.
16
LX3
Switch Node of CH3.
17
RST
Voltage Detector Open Drain Output Pin.
18
FB5
Feedback Input Pin of CH5.
19
PVDD5
Power Output Pin of CH5.
20
LX5
Switch Node of CH5.
21
VDDM
IC Analog Power Pin.
22
RTCPWR
Internal Control Circuit Power Pin. That must connect to a bypass capacitor for
better noise rejection.
23
SYSR
System Reset Open-Drain Output Pin.
24
FB2
Feedback Input Pin of CH2.
25
EN1234
Enable Pin of CH1, CH2, CH3, CH4.
26
LX2
Switch Node of CH2.
27
PVDD2
Power Input Pin for Step-Down of CH2.
Power Output Pin for Step-Up of CH2.
28
LX6
Switch Node of CH6.
29
BAT
Battery Power Pin.
30
PVDD1
Power Output Pin of CH1.
31
LX1
Switch Node of CH1.
32
EN56
Enable Pin of CH5, CH6.
33 (Exposed pad) GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com