Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9986A Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9986A
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986A Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9986A Datasheet HTML 6Page - Richtek Technology Corporation RT9986A Datasheet HTML 7Page - Richtek Technology Corporation RT9986A Datasheet HTML 8Page - Richtek Technology Corporation RT9986A Datasheet HTML 9Page - Richtek Technology Corporation RT9986A Datasheet HTML 10Page - Richtek Technology Corporation RT9986A Datasheet HTML 11Page - Richtek Technology Corporation RT9986A Datasheet HTML 12Page - Richtek Technology Corporation RT9986A Datasheet HTML 13Page - Richtek Technology Corporation RT9986A Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
DS9986A-00 May 2011
www.richtek.com
RT9986A
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
P-MOSFET
VPVDD3 = 3.3V
--
300
400
CH3 On Resistance
N-MOSFET
RDS(ON)3
VPVDD3 = 3.3V
--
300
400
m
Ω
CH3 Current Limitation (Step-Down)
ILIM3
1.2
1.6
2
A
P-MOSFET
VPVDD4 = 3.3V
--
300
400
CH4 On Resistance
N-MOSFET
RDS(ON)4
VPVDD4 = 3.3V
--
300
400
m
Ω
CH4 Current Limitation (Step-Down)
ILIM4
1.2
1.6
2
A
P-MOSFET
VPVDD5 = 16V
--
0.8
1
CH5 On Resistance
N-MOSFET
RDS(ON)5
VPVDD5 = 3.3V
--
0.6
0.8
Ω
CH5 Current Limitation of
N-MOSFET
ILIM5
0.9
1.2
1.6
A
CH6 On Resistance of P-MOSFET
RDS(ON)6
--
0.5
0.7
Ω
CH6 Current Limitation of
P-MOSFET
ILIM6
1
1.5
2
A
P-MOSFET
VPVDD7 = 10V
--
3
--
CH7 On Resistance
N-MOSFET
RDS(ON)7
VPVDD7 = 3.3V
--
0.9
1.1
Ω
CH7 Current Limitation of
N-MOSFET
ILIM7
0.6
0.8
1
A
Protection
Over Voltage Protection of PVDD1
and PVDD2
5.85
6
6.15
V
Over Voltage Protection of PVDD5
20
21
22
V
Over Voltage Protection of VOUT6
--
−13
--
V
Over Voltage Protection of PVDD7
(Step-Up Mode)
14.3
15
16
V
CH1, CH2 Step-Up Under Voltage
Protection of PVDD1 and PVDD2
--
VBAT
−0.8V
--
V
CH1/2/3/4 Under Voltage Protection
At VFBx < 0.4V after soft-start
ends
0.35
0.4
0.45
V
CH5 Under Voltage Protection
At VFB5 < 0.6V after soft-start
ends
0.5
0.6
0.7
V
CH6 Under Voltage Protection
At VFB6 > 1.2V after soft-start
end
1.1
1.2
1.3
V
CH1/2/3/4 Over Load Protection
At VFBx < 0.7V after fault delay
(100ms)
0.65
0.7
0.75
V
CH5 Over Load Protection
At VFB5 < 1.1V after fault delay
(100ms)
1.05
1.1
1.15
V
CH6 Over Load Protection
At VFB6 > 0.74V after fault
delay (100ms)
0.69
0.74
0.79
V
Protection Fault Delay
--
100
--
ms
Control
Logic-High
1.3
--
--
EN1234, EN56, EN7
Input Threshold Voltage Logic-Low
--
--
0.4
V
Logic-High
High to Select Step-Up Mode
1
--
--
LX7 Input Threshold
Voltage
Logic-Low
Low to Select CS Mode
--
0.25
--
V
EN1234, EN56, EN7 Sink Current
--
2
6
μA
EN7 Low Time for Shutdown
tSHDN
--
32
--
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com