Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMH21 Datasheet(PDF) 2 Page - Rohm

Part # IMH21
Description  Dual digital transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMH21 Datasheet(HTML) 2 Page - Rohm

  IMH21 Datasheet HTML 1Page - Rohm IMH21 Datasheet HTML 2Page - Rohm IMH21 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IMH21
Transistor
2/2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ. Max.
Unit
Conditions
BVCBO
20
−
−
V
IC
=50µA
IC
=1mA
IE
=50µA
VCB
=20V
IC / IB
=50mA / 2.5mA
VEB
=12V
VCE
=10V, IE= −50mA, f=100MHz
VI
=5V, RL=1kΩ, f=1KHz
BVCEO
20
−
−
V
BVEBO
12
−
−
V
ICBO
−−
0.5
µA
VCE (sat)
−
40
150
mV
IEBO
−−
0.5
µA
VCE
=5V, IC=50mA
hFE
820
−
2700
−
fT
−
150
−
MHz
−
R1
710
13
k
Ω
Ron
−
0.9
−
Ω
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Input resistance
Transition frequency
Output "ON" resistance
∗Transition frequency of the device.
∗
Packaging specifications and hFE
Packaging type
Code
Taping
Package
Basic ordering unit (pieces)
SMT6
IMH21
T110
3000
Type
Electrical characteristic curves
100
1000
10000
0.1
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
VCE
=5V
Fig.1 DC Current Gain vs.
Collector Current
Ta
=100°C
Ta
=25°C
Ta
= −40°C
1
10
100
1000
10000
0.1
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
IC / IB
=20
Fig.2 Collector-Emitter Saturation
Voltage vs. Collector Current
Ta
=100°C
Ta
=25°C
Ta
= −40°C
0.1
1
10
100
1000
0.1
1
10
100
INPUT VOLTAGE : VI (V)
Fig.3 "ON" resistance vs. Input Voltage
Ta
=25°C
f
=1kHz
RL
=1kΩ
hFE
=250 (5V / 50mA)
Ron measurement circuit
Fig.4 Output "ON" resistance (Ron)
measurement circuit
v0
v0
vi
−v0
vI
vi
100mV
(rms)
f=1kHz
Output
Input
RL=1k
Ω
Ron
=
×RL
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com