Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMH21 Datasheet(PDF) 1 Page - Rohm

Part # IMH21
Description  Dual digital transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMH21 Datasheet(HTML) 1 Page - Rohm

  IMH21 Datasheet HTML 1Page - Rohm IMH21 Datasheet HTML 2Page - Rohm IMH21 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IMH21
Transistors
1/2
Dual digital transistors
IMH21
Features
In addition to the features of regular digital transistors.
1) Low saturation voltage, typically
VCE (sat) =40mV at IC / IB=50mA / 2.5mA, makes these
transistors ideal for muting circuits.
2) These transistors can be used at high current levels,
IC=600mA.
3) Two DTC614T chips in a SMT package.
Structure
NPN digital transistor
(Built-in resistor type)
External dimensions (Unit : mm)
Each lead has same dimensions
Abbreviated symbol : H21
SMT6
0.3Min.
2.8
1.6
1pin mark
Equivalent circuit
R1
(4)
(5)
(6)
(3)
(2)
(1)
R1
R1
=10kΩ
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
300(TOTAL)
PC
Tstg
Limits
20
20
−55 to +150
Unit
V
V
mW ∗
∗ 200mW per element must not be exceeded.
°C
°C
Collector-base voltage
Collector-emitter voltage
Collector power dissipation
Storage temperature
Emitter-base voltage
Collector current
VEBO
IC
12
600
V
mA
Tj
150
Junction temperature


Similar Part No. - IMH21

ManufacturerPart #DatasheetDescription
logo
Rohm
IMH20 ROHM-IMH20 Datasheet
63Kb / 4P
General purpose (dual digital transistors)
logo
ON Semiconductor
IMH20T1G ONSEMI-IMH20T1G Datasheet
23Kb / 4P
Dual Bias Resistor Transistor
July, 2003 - Rev. 0
IMH20T1GT1 ONSEMI-IMH20T1GT1 Datasheet
23Kb / 4P
Dual Bias Resistor Transistor
July, 2003 - Rev. 0
IMH20TR1G ONSEMI-IMH20TR1G Datasheet
30Kb / 2P
Dual Bias Resistor Transistor
January, 2004 ??Rev. 0
logo
Rohm
IMH22 ROHM-IMH22 Datasheet
70Kb / 4P
Dual digital transistors
More results

Similar Description - IMH21

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UG9H UTC-UG9H_15 Datasheet
131Kb / 3P
DUAL DIGITAL TRANSISTORS
logo
Jiangsu Changjiang Elec...
UMA5N JIANGSU-UMA5N Datasheet
1Mb / 4P
Dual Digital Transistors
UMC4N JIANGSU-UMC4N Datasheet
1Mb / 5P
Dual Digital Transistors
UMD2N JIANGSU-UMD2N Datasheet
2Mb / 5P
Dual Digital Transistors
UMG2N JIANGSU-UMG2N Datasheet
1Mb / 4P
Dual Digital Transistors
UMH4N JIANGSU-UMH4N Datasheet
1Mb / 4P
Dual Digital Transistors
UMH6N JIANGSU-UMH6N Datasheet
1Mb / 4P
Dual Digital Transistors
UMH7N JIANGSU-UMH7N Datasheet
1Mb / 4P
Dual Digital Transistors
UMH10N JIANGSU-UMH10N Datasheet
2Mb / 4P
Dual Digital Transistors
UMH11N JIANGSU-UMH11N Datasheet
2Mb / 4P
Dual Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com