Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC31RF80IRMP Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # ADC31RF80IRMP
Description  3-GSPS Telecom Receiver and Feedback Device
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADC31RF80IRMP Datasheet HTML 41Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 42Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 43Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 44Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 45Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 46Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 47Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 48Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 136 page
background image
u
NCO
16
2949.12 MSPS
f
38230
1720.35 MHz
2
u S
NCO
16
DDCxNCOy
f
f
2
45
ADC31RF80
www.ti.com
SBAS860 – AUGUST 2017
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3.4.3.12
Latency With Decimation Options
Table 4 describes device latency for different DDC options. At higher decimation options, latency increases
because of the increase in number of taps in the decimation filter.
Table 4. Latency With Different Decimation Options
DECIMATION OPTION
TOTAL LATENCY, DEVICE CLOCK CYCLES
Divide-by-4
516
Divide-by-6
746
Divide-by-8
621
Divide-by-9
763.5
Divide-by-10
811
Divide-by-12
897
Divide-by-16
1045
Divide-by-18
1164
Divide-by-20
1256
Divide-by-24
1443
Divide-by-32
1773
8.3.4.4 Numerically-Controlled Oscillators (NCOs) and Mixers
The ADC31RF80 is equipped with three independent, complex NCOs. Equation 2 shows how the oscillator
generates a complex exponential sequence.
x[n] = e
–jωn
where
•
frequency (ω) is specified as a signed number by the 16-bit register setting
(2)
The complex exponential sequence is multiplied by the real input from the ADC to mix the desired carrier down
to 0 Hz.
The ADC has two DDCs. The first DDC has three NCOs and the second DDC has one NCO. The first DDC can
dynamically select one of the three NCOs based on the GPIO pin or SPI selection. In wide-bandwidth mode
(lower decimation factors, for example, 4 and 6), there can only be one active DDC. The NCO frequencies can
be programmed independently through the DDCx, NCO[4:1], and the MSB and LSB register settings.
Equation 3 gives the NCO frequency setting that is set by the 16-bit register:
where
•
x = 0, 1
•
y = 1 to 4
(3)
For example:
If fS = 2949.12 MSPS, then the NCO register setting = 38230 (decimal).
Thus, Equation 4 defines fNCO:
(4)
Any register setting changes that occur after the JESD204B interface is operational results in a non-deterministic
NCO phase. If a deterministic phase is required, the JESD204B interface must be reinitialized after changing the
register setting.
8.3.5 NCO Switching
The first DDC (DDC0) provides three different NCOs that can be used for phase-coherent frequency hopping.
This feature is available in both single-band and dual-band mode, but only affects DDC0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com