Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5950AM Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM5950AM
Description  Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950AM Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM5950AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 18Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SM5950AM
NIPPON PRECISION CIRCUITS INC.—14
Deemphasis (DEEM)
Basic deemphasis filters are realized using analog circuit configurations. Here, an IIR digital deemphasis filter
configuration faithfully reproduces the gain and phase characteristics of an analog deemphasis filter. The filter
coefficients are set by pins FS0 and FS1 for 3 input sampling frequencies (fsi) of 44.1kHz, 48.0kHz, and
32.0kHz.
Deemphasis ON/OFF
Deemphasis filter coefficient selection
The deemphasis filter is selected by pins FS0 and FS1.
Deemphasis filter characteristics
DEEM
Deemphasis
L
OFF
HON
FS0
FS1
fsi
L
L
44.1kHz
H
L
44.1kHz
L
H
48.0kHz
H
H
32.0kHz
Figure 2. Deemphasis filter frequency characteristics
Figure 3. Deemphasis filter phase characteristics
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
10
100
1000
10000
100000
Frequency [Hz]
44.1kHz
48kHz
32kHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
Frequency [Hz]
44.1kHz
48kHz
32kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com