Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5950AM Datasheet(PDF) 19 Page - Nippon Precision Circuits Inc

Part # SM5950AM
Description  Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950AM Datasheet(HTML) 19 Page - Nippon Precision Circuits Inc

Back Button SM5950AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 20Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SM5950AM
NIPPON PRECISION CIRCUITS INC.—19
Connection to MOST Interface Transceiver (OS8104)
5V
FSY
SCK-SRC_FL
SR0-D3
MOST
OS8104
OMOD0
LRCO
OMOD1
BCKO
DOUT
IISO
THROU
SLAVE
TMOD0
SM5950AM
24.576MHz (512fso)
SCKO
RMCK
TMOD1
/RD
/WR
PAR_CP
PAR_SRC
ASYNC
PAD0
PAD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com