Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7450 Datasheet(PDF) 12 Page - Motorola, Inc

Part # MPC7450
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MPC7450 Datasheet HTML 8Page - Motorola, Inc MPC7450 Datasheet HTML 9Page - Motorola, Inc MPC7450 Datasheet HTML 10Page - Motorola, Inc MPC7450 Datasheet HTML 11Page - Motorola, Inc MPC7450 Datasheet HTML 12Page - Motorola, Inc MPC7450 Datasheet HTML 13Page - Motorola, Inc MPC7450 Datasheet HTML 14Page - Motorola, Inc MPC7450 Datasheet HTML 15Page - Motorola, Inc MPC7450 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
12
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
Table 4 provides the recommended operating conditions for the MPC7450.
Table 5 provides the package thermal characteristics for the MPC7450.
Table 4. Recommended1 Operating Conditions
Characteristic
Symbol
Recommended Value
Unit
Notes
Min
Max
Core supply voltage
VDD
1.55
1.85
V
3
PLL supply voltage
AVDD
1.55
1.85
V
2, 3
Processor bus supply voltage
BVSEL = 0
OVDD
1.8 V ± 5%
V
BVSEL = HRESET or OVDD
OVDD
2.5 V ± 5%
V
L3 bus supply voltage
L3VSEL = 0
GVDD
1.8 V ± 5%
V
L3VSEL = HRESET or GVDD
GVDD
2.5 V ± 5%
V
L3VSEL = ¬HRESET
GVDD
1.5 V ± 5%
V
Input voltage
Processor bus
Vin
GND
OVDD
V
L3 bus
Vin
GND
GVDD
V
JTAG signals
Vin
GND
OVDD
V
Die-junction temperature
Tj
0
105
°C
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions
is not guaranteed.
2. This voltage is the input to the filter discussed in Section 1.9.2, “PLL Power Supply Filtering” and not necessarily
the voltage at the AVDD pin which may be reduced from VDD by the filter.
3. 1.6 V nominal. Operation at core voltages up to 1.8 V is supported, but the power consumption given in Table 7
must be adjusted correspondingly by the formula: P = C V 2 f, where P is the power consumption, C is a constant,
V is the core voltage, and f is the core frequency.
Table 5. Package Thermal Characteristics
Characteristic
Symbol
Value
Rating
CBGA package thermal resistance, junction-to-case thermal resistance
(typical)
θ
JC
<0.1
°C/W
CBGA package thermal resistance, die junction-to-lead thermal resistance
(typical)
θ
JB
2.2
°C/W
Note: Refer to Section 1.9, “System Design Information,” for more details about thermal management.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com