Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7450 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC7450
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC7450 Datasheet HTML 1Page - Motorola, Inc MPC7450 Datasheet HTML 2Page - Motorola, Inc MPC7450 Datasheet HTML 3Page - Motorola, Inc MPC7450 Datasheet HTML 4Page - Motorola, Inc MPC7450 Datasheet HTML 5Page - Motorola, Inc MPC7450 Datasheet HTML 6Page - Motorola, Inc MPC7450 Datasheet HTML 7Page - Motorola, Inc MPC7450 Datasheet HTML 8Page - Motorola, Inc MPC7450 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
3
Features
1.2
Features
This section summarizes features of the MPC7450 implementation of the PowerPC architecture. Major
features of the MPC7450 are as follows:
Major features of the MPC7450 are as follows:
•
High-performance, superscalar microprocessor
— As many as 4 instructions can be fetched from the instruction cache at a time
— As many as 3 instructions can be dispatched to the issue queues at a time
— As many as 12 instructions can be in the instruction queue (IQ)
— As many as 16 instructions can be at some stage of execution simultaneously
— Single-cycle execution for most instructions
— One instruction per clock cycle throughput for most instructions
— Seven-stage pipeline control
•
Eleven independent execution units and three register files
— Branch processing unit (BPU) features static and dynamic branch prediction
– 128-entry (32-set, four-way set-associative) branch target instruction cache (BTIC), a
cache of branch instructions that have been encountered in branch/loop code sequences. If
a target instruction is in the BTIC, it is fetched into the instruction queue a cycle sooner
than it can be made available from the instruction cache. Typically, a fetch that hits the
BTIC provides the first four instructions in the target stream.
– 2048-entry branch history table (BHT) with two bits per entry for four levels of
prediction—
not-taken, strongly not-taken, taken, strongly taken
– Up to three outstanding speculative branches
– Branch instructions that do not update the count register (CTR) or link register (LR) are
often removed from the instruction stream.
– 8-entry link register stack to predict the target address of Branch Conditional to Link
Register (bclr) instructions.
— Four integer units (IUs) that share 32 GPRs for integer operands
– Three identical IUs (IU1a, IU1b, and IU1c) can execute all integer instructions except
multiply, divide, and move to/from special-purpose register instructions.
– IU2 executes miscellaneous instructions including the CR logical operations, integer
multiplication and division instructions, and move to/from special-purpose register
instructions.
— Five-stage FPU and a 32-entry FPR file
– Fully IEEE 754-1985-compliant FPU for both single- and double-precision operations
– Supports non-IEEE mode for time-critical operations
– Hardware support for denormalized numbers
– Thirty-two 64-bit FPRs for single- or double-precision operands
— Four vector units and 32-entry vector register file (VRs)
– Vector permute unit (VPU)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com