Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STPM01
Description  PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STPM01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STPM01 Datasheet HTML 1Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 2Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 3Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 4Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 5Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 6Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 7Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 8Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STPM01
4/9
Table 5: Analog Inputs Characteristics (IIP1, IIN1, IIP2, IIN2, VIP, VIN TO VSS)
(Typical values are at TA = 25°C, and VCC = 5V)
Table 6: Digital I/O Characteristics (SDA, CLKIN, CLKOUT, SCS, SYN, LED)
(Typical values are at TA = 25°C, and VCC = 5V)
Table 7: Power I/O Characteristics (MOP, MON) (VCC = 5V, VSS = GND, TA = -40 to 85°C,
unless otherwise specified. Typical values are at TA = 25°C)
Table 8: Crystal Connection (Typical values are at TA = 25°C, and VCC = 5V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VMAX
Maximum Signal Levels
-0.2
0.2
V
fBAND
Bandwidth
10
KHz
VOFF
Offset
±20
mV
ZIN
Impedance of VIP, VIN
100
400
K
Ω
ZIN
Impedance of IIP, IIN
100
K
Ω
GER
Gain Error
±10
%
ILEAK
Leakage Current
-1
1
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input High Voltage
0.75VCC
VCC+0.2
V
VIL
Input Low Voltage
-0.3
0.25VCC
V
VOH
Output High Voltage
IO = -2 mA
VCC-0.4
V
VOL
Output Low Voltage
IO = 2 mA
0.4
V
ILEAK
Pull up Current
15
µA
tTR
Transition time
CL = 50 pF
10
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOH
Output High Voltage
IO = -14 mA
VCC-0.5
V
VOL
Output Low Voltage
IO = 14 mA
0.5
V
tTR
Transition time
CL = 50 pF
5
10
µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH(CLKIN) High level input voltage on
CLKIN
0.8VDD
VDD
V
VIL(CLKIN) Low level input voltage on
CLKIN
00.3VDD
V
II
Input current on CLKIN
±1
µA
RP
External Resistor
1
4
M
Ω
CP
External Capacitors
22
pF
fCLKOUT
Nominal frequency
4
4.194
MHz
8
8.192
ICLKIN
Settling current (RC
Oscillator)
fCLKOUT = 4 MHz
40
60
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com