Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STPM01
Description  PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STPM01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STPM01 Datasheet HTML 1Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 2Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 3Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 4Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 5Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 6Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 7Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 8Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STPM01
5/9
Table 9: On Chip Reference (Typical values are at TA = 25°C, and VCC = 5V)
Table 10: SPI Interface Timings (Typical values are at TA = 25°C, and VCC = 5V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
TC
Temperature Coefficient
After Calibration
30
50
ppm/°C
VGB
Analog Reference Voltage
1.23±1%
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
FSCLKr
Data read speed
32
MHz
FSCLKw
Data write speed
100
KHz
tDS
Data setup time
20
ns
tDH
Data hold time
0
ns
tON
Data driver on time
20
ns
tOFF
Data driver off time
20
ns
tSYN
SYN active width
2/fCLK
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com