Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3096PWPR Datasheet(PDF) 18 Page - Texas Instruments

Part # THS3096PWPR
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3096PWPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS3096PWPR Datasheet HTML 14Page - Texas Instruments THS3096PWPR Datasheet HTML 15Page - Texas Instruments THS3096PWPR Datasheet HTML 16Page - Texas Instruments THS3096PWPR Datasheet HTML 17Page - Texas Instruments THS3096PWPR Datasheet HTML 18Page - Texas Instruments THS3096PWPR Datasheet HTML 19Page - Texas Instruments THS3096PWPR Datasheet HTML 20Page - Texas Instruments THS3096PWPR Datasheet HTML 21Page - Texas Instruments THS3096PWPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
www.ti.com
+
−
THS3092
20 V
−
+
1:1
THS3092
330 pF
330 pF
22 pF
22 pF
10 V
10 V
200 W
100 W
14.5 dBm
Line Power
200 W
604 W
4.99 kW
4.99 kW
0.01 mF
191 W
604 W
1.21 kW
24.9 W
6.8 mF
0.01 mF
24.9 W
*Hybrid Connection Not
Shown For Simplicity
DAC
VIN+
DAC
VIN−
1.21 kW
Video Distribution
+
−
THS3092
26 V
−
+
1:1
THS3092
To RX
Hybrid
330 pF
330 pF
22 pF
13 V
13 V
0.01 mF
6.8 mF
4.99 kW
200 W
DAC
VIN+
22 pF
133 W
604 W
604 W
0.015 mF
200 W
4.99 kW
49.9 W
49.9 W
14.5 dBm
Line Power
100 W
DAC
VIN−
THS3092
THS3096
SLOS428A – DECEMBER 2003 – REVISED FEBRUARY 2004
Figure 55 shows a traditional hybrid connection
One of the concerns about any DSL line driver is the
approach for achieving the 14.5-dBm line power
power dissipation. One of the most common ways to
utilizing a 1:1 transformer. Looking at the input to the
reduce power is by using active termination, aka
amplifiers shows a low-pass filter consisting of two
synthesized impedance. Refer to TI Application Note
separate capacitors to ground. There is an argument
SLOA100 for more information on active termination.
that since the signal coming out of the DAC is
The drawback to active termination is the received
fully-differential then a single capacitor (10 pF in this
signal is reduced by the same synthesis factor
case) is perfectly acceptable. The problem with this
utilized in the system. Due to the very high attenu-
idea is that many DACs have common-mode energy
ation of the line at up to 12 MHz, the receive signal
due to images around the sampling frequency which
can be severely diminished. Thus, the use of active
must be filtered before reaching the amplifier. An
termination should be kept to modest levels at best.
amplifier simply amplifies its input–including the
Figure 56 shows an example of utilizing a simple
DAC’s images at high frequencies–and pass it
active termination scheme with a synthesis factor of 2
through to the transformer and ultimately to the line,
to achieve the same line power, but with a reduced
possibly causing the system to fail EMC compliance.
power supply voltage that ultimately saves power in
A single capacitor does not remove these com-
the system.
mon-mode images, it only removes the differential
signal images. However, two separate filter capaci-
tors filter both the common-mode signals and the
differential-mode signals. Be sure to place the ground
connection point of the capacitors next to each other,
and then tie a single ground point at the middle of this
trace.
Figure 56.
The wide bandwidth, high slew rate, and high output
drive current of the THS3092/6 matches the demands
for video distribution for delivering video signals down
Figure 55.
multiple cables. To ensure high signal quality with
minimal degradation of performance, a 0.1-dB gain
flatness should be at least 7x the passband fre-
Additionally, level shifting must be done to center the
quency to minimize group delay variations from the
common-mode voltage appearing at the amplifier’s
amplifier. A high slew rate minimizes distortion of the
noninverting input to optimally the midpoint of the
video signal, and supports component video and
power
supply.
As
a
side
benefit
of
the
RGB video signals that require fast transition times
ac-coupling/level shifter, a simple high pass filter is
and fast settling times for high signal quality.
formed. This is generally a good idea for VDSL
systems where the transmit band is typically above 1
MHz, but can be as low as 25 kHz.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com