Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2452CD Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2452CD
Description  FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2452CD Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV2452CD Datasheet HTML 11Page - Texas Instruments TLV2452CD Datasheet HTML 12Page - Texas Instruments TLV2452CD Datasheet HTML 13Page - Texas Instruments TLV2452CD Datasheet HTML 14Page - Texas Instruments TLV2452CD Datasheet HTML 15Page - Texas Instruments TLV2452CD Datasheet HTML 16Page - Texas Instruments TLV2452CD Datasheet HTML 17Page - Texas Instruments TLV2452CD Datasheet HTML 18Page - Texas Instruments TLV2452CD Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
15
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 18
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
10
1k
10k
100k
1M
100
90
80
70
60
40
30
20
10
0
50
VDD = 3 V or 5 V
TA = 25°C
PSRR +
PSRR −
100
Figure 19
20
15
5
0
2.5
3
3.5
4
25
35
40
4.5
5
5.5
30
10
TA = 125°C
TA = 85°C
TA = 25°C
TA = −40°C
VDD − Supply Voltage − V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
AV = 1
SHDN = VDD
Per Channel
Figure 20
5
0
25
−55
−35
15
10
20
30
−15
5
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
25
45
VI = VDD /2
SHDN = VDD
per channel
65
VDD = 3 V
VDD = 5 V
85
105
125
Figure 21
100
1k
10k
1
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
100
f − Frequency − Hz
10
10
100k
VDD = 3 V or 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com