Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2452CD Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2452CD
Description  FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2452CD Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV2452CD Datasheet HTML 20Page - Texas Instruments TLV2452CD Datasheet HTML 21Page - Texas Instruments TLV2452CD Datasheet HTML 22Page - Texas Instruments TLV2452CD Datasheet HTML 23Page - Texas Instruments TLV2452CD Datasheet HTML 24Page - Texas Instruments TLV2452CD Datasheet HTML 25Page - Texas Instruments TLV2452CD Datasheet HTML 26Page - Texas Instruments TLV2452CD Datasheet HTML 27Page - Texas Instruments TLV2452CD Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
24
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 42
1
0
−1
−10
10
30
50
70
2
3
4
90
110
130
150
t − Time −
µs
SD Pulse
VO Channel 1
VDD = 3 V
AV = 1
VI = 2.5 V
RL = 10 kΩ
CL = 160 pF and 8 pF
TA = 25°C
SHUTDOWN OFF PULSE RESPONSE
vs
TIME
Figure 43
3
2
0
−1
−20
0
20
40
60
80
4
5
6
100
120
140
1
t − Time −
µs
SD Pulse
VO Channel 1
VDD = 5 V
AV = 1
VI = 4 V
RL = 10 kΩ
CL = 160 pF and 8 pF
TA = 25°C
SHUTDOWN OFF PULSE RESPONSE
vs
TIME
Figure 44
1
0
−1
−2
−1
0
1
2
3
4
2
3
SHUTDOWN ON PULSE RESPONSE
vs
TIME
4
56
t − Time −
µs
SD Pulse
VDD = 3 V
AV = 1
VI = 2.5 V
RL = 10 kΩ
TA = 25°C
CL = 160 pF
CL = 8 pF
Figure 45
3
2
0
−1
−2
0
2
4
6
4
5
SHUTDOWN ON PULSE RESPONSE
vs
TIME
6
810
12
1
t − Time −
µs
SD Pulse
VDD = 5 V
AV = 1
VI = 4 V
RL = 10 kΩ
TA = 25°C
CL = 160 pF
CL = 8 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com