Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTXQ512 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UTXQ512
Description  CONVERTING AEROFLEX UTMC UT9Q512 4M SRAM into an SEU IMMUNE 1M X 1 SRAM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UTXQ512 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UTXQ512 Datasheet HTML 1Page - Aeroflex Circuit Technology UTXQ512 Datasheet HTML 2Page - Aeroflex Circuit Technology UTXQ512 Datasheet HTML 3Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aeroflex UTMC Application Note
UTXQ512-AN-000
_______________________________________________
Creation Date: 6/21/02
Page 2
Modification Date:
INPUTS
SELECT
STROBE
OUTPUT
C(D2)
B(D1)
A(D0)
/G
Y
X
X
X
H
L
L
L
L
L
D1 = 0
L
L
H
L
D1 = 0
L
H
L
L
D2 = 0
L
H
H
L
D3 = 1
H
L
L
L
D4 = 0
H
L
H
L
D5 = 1
H
H
L
L
D6 = 1
H
H
H
L
D7 = 1
Truth Table
A(18:0)
/G
/EN_MEM_L
/W
/EN_MEM_H
512K x 8
512K x 8
D(3:7)
Written bit
A
B
C
D7 D6 D5 D4 D3 D2 D1 D0
/G
Y
/Y
Read bit out to system
UT54ACS151
D0
D1
D2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com