Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTXQ512 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UTXQ512
Description  CONVERTING AEROFLEX UTMC UT9Q512 4M SRAM into an SEU IMMUNE 1M X 1 SRAM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UTXQ512 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UTXQ512 Datasheet HTML 1Page - Aeroflex Circuit Technology UTXQ512 Datasheet HTML 2Page - Aeroflex Circuit Technology UTXQ512 Datasheet HTML 3Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aeroflex UTMC Application Note
UTXQ512-AN-000
_______________________________________________
Creation Date: 6/21/02
Page 1
Modification Date:
CONVERTING AEROFLEX UTMC UT9Q512 4M SRAM into an SEU IMMUNE
1M X 1 SRAM
This application note describes how to use two UT9Q512 4M SRAMs and one UT54ACS151 logic device
to mimic a 1Mx1 SRAM. As shown below, the single bit is written into three locations of the same. When
the data is read out, it is used in a voting system to select either a 0 or a 1 output. This voting method
virtually makes it immune to SEU hits. Since the bits of a word are not physically adjacent on the die, it is
nearly impossible for one particle to cause two bits to flip in the same word. As such, it would require
multiple particle hits to cause an upset.
The system timing results in maximum read cycle of 48ns, (25ns SRAM read + 23ns input to Y). For better
system performance Aeroflex UTMC can screen for memories with read cycles access times down to 17 ns.
The timing analysis above assumes capacitive output loads of 50 pF or less. If the system loading is greater
than 50 pF, the user should consult the “Operational Frequency vs. Load Capacitance” application note to
calculate the true performance of the design. This application note can be downloaded from:
http://www.utmc.com/products/msi_switch.pdf.
If a tri-statable output is required, then additional logic would be required. Aeroflex UTMC has the
following logic devices with tristate controlled outputs: UT54ACS244, UT54ACS245, UT54ACS365,
UT54ACS373, UT54ACS374, and UT54ACS541. Each of these devices has a non-inverting tri-statable
output.
If the 4M SRAMs are packaged in our shielded package, they can withstand a total dose of 100K rads(Si)
in most orbits. The logic devices can be purchased with a total dose hardness ranging from 100K rads(Si) to
1 Mrad.
This design example requires more board real estate and a new board layout, along with the additional
timing analysis, mentioned above, to replace the obsoleted BAE Systems 1M x 1 SRAM parts. The parts
shown would use approximately 1.75 square inches of board space.


Similar Part No. - UTXQ512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UTX-110 ETC2-UTX-110 Datasheet
774Kb / 1P
Intel짰 AtomTM Baytrail-i Processor
logo
Advantech Co., Ltd.
UTX-3115 ADVANTECH-UTX-3115 Datasheet
813Kb / 2P
Intel Atom E3826/E3815 with Dual Giga LAN Fanless Compact Box PC
UTX-3115B-S6A1E ADVANTECH-UTX-3115B-S6A1E Datasheet
1Mb / 2P
Intel짰 Atom??E3826 with Dual Giga LAN Fanless Compact Box PC
UTX-3115B-S6A2E ADVANTECH-UTX-3115B-S6A2E Datasheet
813Kb / 2P
Intel Atom E3826/E3815 with Dual Giga LAN Fanless Compact Box PC
UTX-3115FS-S6A2E ADVANTECH-UTX-3115FS-S6A2E Datasheet
813Kb / 2P
Intel Atom E3826/E3815 with Dual Giga LAN Fanless Compact Box PC
More results

Similar Description - UTXQ512

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
1M x 16 Pseudo SRAM
logo
Hitachi Semiconductor
HM621400H HITACHI-HM621400H Datasheet
73Kb / 13P
4M High Speed SRAM (4-Mword x 1-bit)
HM624100H HITACHI-HM624100H Datasheet
74Kb / 13P
4M High Speed SRAM (1-Mword x 4-bit)
HM62W4100HC HITACHI-HM62W4100HC Datasheet
65Kb / 14P
4M High Speed SRAM (1-Mword x 4-bit)
logo
Cypress Semiconductor
CY7C1481V33 CYPRESS-CY7C1481V33 Datasheet
638Kb / 30P
2M x 36/4M x 18/1M x 72 Flow-through SRAM
logo
Etron Technology, Inc.
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
1M x 16 Pseudo SRAM
logo
Cypress Semiconductor
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
logo
MOSAIC
SYS84000RKX-85 MOSAIC-SYS84000RKX-85 Datasheet
85Kb / 7P
4M x 8 SRAM MODULE
SYS321000ZK-012 MOSAIC-SYS321000ZK-012 Datasheet
137Kb / 7P
1M x 32 SRAM MODULE
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001_05 Datasheet
100Kb / 13P
1M x 1 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com