Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8340 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S8340 Datasheet HTML 1Page - Seiko Instruments Inc S8340 Datasheet HTML 2Page - Seiko Instruments Inc S8340 Datasheet HTML 3Page - Seiko Instruments Inc S8340 Datasheet HTML 4Page - Seiko Instruments Inc S8340 Datasheet HTML 5Page - Seiko Instruments Inc S8340 Datasheet HTML 6Page - Seiko Instruments Inc S8340 Datasheet HTML 7Page - Seiko Instruments Inc S8340 Datasheet HTML 8Page - Seiko Instruments Inc S8340 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
2
Block Diagrams
(1) S-8340/8341 Series A and C Types (Output Voltage Fixed Output Type)
CS
RS
R2
R1
CC
VSS
VOUT
VOUT
SD
CL
ON/OFF
VDD
L
EXT
Shutdown
circuit
VIN
CVREF
CVREF
CSS
CSS
Nch Power
MOS FET
120 mV
RSENSE
SENSE
PWM comparator
Error amplifier
VREF =1.0 V
+
PWM, PWM/PFM
switching control
circuit
Triangular wave
oscillation circuit
Phase
IC internal power
compensation
Soft-start
circuit
Voltage/current
reference
circuit
supply
Figure 1
(2) S-8340/8341 Series B and D Types (Output Voltage External Setting Type)
CS
RS
RFB2
RFB1
CFB
VSS
VOUT
FB
SD
CL
ON/OFF
VDD
L
EXT
VIN
CVREF
CVREF
CSS
CSS
Nch Power
MOS FET
120 mV
RSENSE
SENSE
PWM comparator
VREF =1.0 V
+
Triangular wave
oscillation circuit
Phase
compensation
circuit
IC internal power
supply
Error amplifier
PWM, PWM/PFM
switching control
circuit
Shutdown
circuit
Soft-start
circuit
Voltage/current
reference
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com