Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8340 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 2Page - Seiko Instruments Inc S8340 Datasheet HTML 3Page - Seiko Instruments Inc S8340 Datasheet HTML 4Page - Seiko Instruments Inc S8340 Datasheet HTML 5Page - Seiko Instruments Inc S8340 Datasheet HTML 6Page - Seiko Instruments Inc S8340 Datasheet HTML 7Page - Seiko Instruments Inc S8340 Datasheet HTML 8Page - Seiko Instruments Inc S8340 Datasheet HTML 9Page - Seiko Instruments Inc S8340 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
6
Absolute Maximum Ratings
Table 4
(Ta = 25
°C unless otherwise specified)
Parameter
Symbol
Absolute Maximum Rating
Unit
VDD pin voltage
VDD
VSS
− 0.3 to VSS + 12
V
VOUT pin voltage
VOUT
VSS
− 0.3 to VSS + 12
V
FB pin voltage
VFB
VSS
− 0.3 to VSS + 12
V
CVREF pin voltage
VCVREF
VSS
− 0.3 to VDD + 0.3
V
CSS pin voltage
VCSS
VSS
− 0.3 to VDD + 0.3
V
ON/OFF pin voltage
VON/OFF
VSS
− 0.3 to VSS + 12
V
SENSE pin voltage
VSENSE
VSS
− 0.3 to VSS + 12
V
EXT pin voltage
VEXT
VSS
− 0.3 to VDD + 0.3
V
EXT pin current
IEXT
±100
mA
Power dissipation
PD
300 (When not mounted on board)
mW
700*1
mW
Operating ambient temperature
Tdpr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size : 114.3 mm × 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
600
400
200
0
Ambient temperature Ta (
°C)
500
300
100
700
800
0
50
100
150
300
200
100
0
Ambient temperature Ta (
°C)
400
Figure 4 Power Dissipation of Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com