Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8540 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 2Page - Seiko Instruments Inc S8540 Datasheet HTML 3Page - Seiko Instruments Inc S8540 Datasheet HTML 4Page - Seiko Instruments Inc S8540 Datasheet HTML 5Page - Seiko Instruments Inc S8540 Datasheet HTML 6Page - Seiko Instruments Inc S8540 Datasheet HTML 7Page - Seiko Instruments Inc S8540 Datasheet HTML 8Page - Seiko Instruments Inc S8540 Datasheet HTML 9Page - Seiko Instruments Inc S8540 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
6
Absolute Maximum Ratings
Table 4
(Ta = 25 °C unless otherwise specified)
Item
Symbol
Absolute Maximum Ratings
Unit
VIN pin voltage
VIN
VSS
− 0.3 to VSS + 12
V
CVREF pin voltage
VCVREF
VSS
− 0.3 to VIN + 0.3
V
ON/OFF pin voltage
VON/OFF
VSS
− 0.3 to VSS + 12
V
FB pin voltage*1
VFB
VSS
− 0.3 to VSS + 12
V
VOUT pin voltage
VOUT
VSS
− 0.3 to VSS + 12
V
SENSE pin voltage
VSENSE
VSS
− 0.3 to VSS + 12
V
EXT pin voltage
VEXT
VSS
− 0.3 to VIN + 0.3
V
EXT pin current
IEXT
± 100
mA
Power dissipation
PD
300 (When not mounted on board)
mW
500*2
mW
Operating ambient temperature
Topr
− 40 to + 85
°C
Storage temperature
Tstg
− 40 to + 125
°C
*1. Feed back type (B, D types)
*2. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
400
200
0
Ambient temperature Ta (
°C)
500
300
100
600
0
50
100
150
200
100
0
Ambient temperature Ta (
°C)
250
150
50
300
350
Figure 4 Power Dissipation of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com