Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8540 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8540 Datasheet HTML 1Page - Seiko Instruments Inc S8540 Datasheet HTML 2Page - Seiko Instruments Inc S8540 Datasheet HTML 3Page - Seiko Instruments Inc S8540 Datasheet HTML 4Page - Seiko Instruments Inc S8540 Datasheet HTML 5Page - Seiko Instruments Inc S8540 Datasheet HTML 6Page - Seiko Instruments Inc S8540 Datasheet HTML 7Page - Seiko Instruments Inc S8540 Datasheet HTML 8Page - Seiko Instruments Inc S8540 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
S-8540/8541 Series
www.sii-ic.com
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM
SWITCHABLE SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 2000-2010
Rev.4.0_01
1
The S-8540/8541 Series is a family of CMOS step-down switching regulator controllers with PWM control (S-
8540 Series) and PWM/PFM switchover control (S-8541 Series). These devices consist of a reference voltage
source, oscillation circuit, an error amplifier, phase compensation circuit, PWM control circuit, current limit
circuit. A high efficiency and large current switching regulator is realized with the help of small external
components due to the high oscillation frequency, 300 kHz and 600 kHz.
The S-8540 Series provides low-ripple voltage, high efficiency, and excellent transient characteristics which
come from the PMW control circuit capable of varying the duty ratio linearly from 0 to 100%, the optimized error
amplifier, and the phase compensation circuit.
The S-8541 Series operates under PWM control when the duty ratio is 29% or higher and operates under PFM
control when the duty ratio is less than 29% to ensure high efficiency over all load range.
These controllers serve as ideal main power supply units for portable devices due to the high oscillation
frequencies together with the small 8-Pin MSOP package.
Features
• Oscillation frequency
600 kHz (A, B types)
300 kHz (C, D types)
• Output voltage
1.5 to 6.0 V, selectable in 0.1V steps (A, C types)
• Output voltage precision
±2.0%
• Feed back type for output voltage (FB)
• External components:
a transistor, a coil, a diode, and capacitors
• Built-in PWM/PFM switchover control
circuit (S-8541 series)
Duty ratio:
29% (PFM control)
29 to 100% (PWM control)
• Current limit circuit
Current is set by an external resistor RSENSE.
• Soft-start
Time is set by a capacitor CSS and a resistor RSS.
• Shutdown function
• Lead-free, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Power supplies for PDAs, electric organizers, and portable devices.
• Power supplies for audio equipment such as portable CD players and headphone stereos.
• Main or sub Power supplies for notebook computers and peripheral equipment.
Package
• 8-Pin MSOP


Similar Part No. - S8540

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8543 HAMAMATSU-S8543 Datasheet
123Kb / 2P
One-dimensional PSD Long, narrow active area and surface mountable package
More results

Similar Description - S8540

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540 SII-S-8540 Datasheet
445Kb / 36P
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S8355 SII-S8355 Datasheet
3Mb / 72P
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com