Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS304AP Datasheet(PDF) 2 Page - Rohm

Part # SCS304AP
Description  SiC Schottky Barrier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS304AP Datasheet(HTML) 2 Page - Rohm

  SCS304AP Datasheet HTML 1Page - Rohm SCS304AP Datasheet HTML 2Page - Rohm SCS304AP Datasheet HTML 3Page - Rohm SCS304AP Datasheet HTML 4Page - Rohm SCS304AP Datasheet HTML 5Page - Rohm SCS304AP Datasheet HTML 6Page - Rohm SCS304AP Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Datasheet
SCS304AP
Unit
Min.
Typ.
Max.
DC blocking voltage
VDC
IR =20A
650
-
-
V
Electrical characteristics (T
j = 25°C)
Parameter
Symbol
Conditions
Values
Forward voltage
VF
IF=4A,Tj=25°C
-
1.35
1.50
V
IF=4A,Tj=150°C
-
1.44
1.71
V
IF=4A,Tj=175°C
-1.50
-
V
VR=650V,Tj=150°C
-0.8
80
A
VR=650V,Tj=175°C
-2.4
VR=650V,Tj=25°C
-
0.012
20
-
A
Reverse current
IR
18
-
pF
Total capacitive charge
QC
VR=400V,di/dt=350A/s
-11
-
nC
Total capacitance
C
VR=1V,f=1MHz
-
200
-
pF
VR=650V,f=1MHz
-
A
ns
Non-repetetive
Avaranche Energy
Eava
L=1mH
-
48
-
mJ
Switching time
tC
VR=400V,di/dt=350A/s
-14
-
Thermal characteristics
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
°C/W
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
Thermal resistance
Rth(j-c)
--
3.0
4.4
3.91E-02
K/W
Cth1
1.01E-04
Ws/K
Rth2
3.76E-01
Cth2
4.02E-04
Rth3
2.54E+00
Cth3
1.19E-03
Rth1
PD
T
j
T
c
T
a
R
th,n
R
th1
C
th1
C
th2
C
th,n
2/5
2017.07 - Rev.B
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com