Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS304AP Datasheet(PDF) 1 Page - Rohm

Part # SCS304AP
Description  SiC Schottky Barrier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS304AP Datasheet(HTML) 1 Page - Rohm

  SCS304AP Datasheet HTML 1Page - Rohm SCS304AP Datasheet HTML 2Page - Rohm SCS304AP Datasheet HTML 3Page - Rohm SCS304AP Datasheet HTML 4Page - Rohm SCS304AP Datasheet HTML 5Page - Rohm SCS304AP Datasheet HTML 6Page - Rohm SCS304AP Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
SCS304AP
SiC Schottky Barrier Diode
*1 Tc=100°C, Tj=150°C, Duty cycle=10% *2 Tc=25°C
Outline
VR
650V
TO-220ACP
IF
4A
QC
6nC
Features
Inner circuit
1) Shorter recovery time
2) Reduced temperature dependence
3) High-speed switching possible
4) High surge current capability
Packaging specifications
Type
Packaging
Tube
Construction
Reel size (mm)
-
Silicon carbide epitaxial planar type
Tape width (mm)
-
Basic ordering unit (pcs)
50
Reverse voltage (repetitive peak)
VRM
650
V
Packing code
C9
Marking
SCS304AP
Absolute maximum ratings (T
j = 25°C)
Parameter
Symbol
Value
Unit
Reverse voltage (DC)
VR
650
V
Continuous forward current
(Tc= 140°C)
IF
4A
A
Repetitive peak forward current
IFRM
20
A
Surge non-
repetitive forward
current
PW=10ms sinusoidal, Tj=25°C
IFSM
27
A
PW=10ms sinusoidal, Tj=150°C
22
A
PW=10
s square, T
j=25°C
100
1≦PW≦10ms, Tj=150°C
2.4
A
2s
Total power disspation
PD
34
W
i
2t value
1≦PW≦10ms, Tj=25°C
∫i2dt
3.6
A
2s
Junction temperature
Tj
175
°C
Range of storage temperature
Tstg
55 to 175
°C
(1) Cathode
(2) Cathode
(3) Anode
(1)
(2)
(3)
(3)
(2)
(1)
*1
*2
1/5
2017.07 - Rev.B
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.


Similar Part No. - SCS304AP

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS304AG ROHM-SCS304AG Datasheet
928Kb / 8P
SiC Schottky Barrier Diode
14.Feb.2024 - Rev.001
SCS304AH ROHM-SCS304AH Datasheet
757Kb / 6P
SiC Schottky Barrier Diode
SCS304AJ ROHM-SCS304AJ Datasheet
671Kb / 6P
SiC Schottky Barrier Diode
SCS304AM ROHM-SCS304AM Datasheet
954Kb / 6P
SiC Schottky Barrier Diode
More results

Similar Description - SCS304AP

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AGC ROHM-SCS220AGC Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS220AE ROHM-SCS220AE Datasheet
489Kb / 6P
SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
logo
Toshiba Semiconductor
TRS12N65D TOSHIBA-TRS12N65D Datasheet
163Kb / 5P
SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com