Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT84520 Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UT84520
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT84520 Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UT84520 Datasheet HTML 5Page - Unisonic Technologies UT84520 Datasheet HTML 6Page - Unisonic Technologies UT84520 Datasheet HTML 7Page - Unisonic Technologies UT84520 Datasheet HTML 8Page - Unisonic Technologies UT84520 Datasheet HTML 9Page - Unisonic Technologies UT84520 Datasheet HTML 10Page - Unisonic Technologies UT84520 Datasheet HTML 11Page - Unisonic Technologies UT84520 Datasheet HTML 12Page - Unisonic Technologies UT84520 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
UTC UT84520
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD. 12
QW-R502-004,A
Byte
Bit
Description
1
0
1 = Right button pressed
1
1 = Middle button pressed
2
1 = Left button pressed
3
Reserved
4
0 = Normal speed, 1 = Autospeed
5
0 = Disabled, 1 = Enabled
6
0 = Stream mode, 1 = Remote mode
7
Reserved
2
0-7
Current resolution setting (D0 – D7)
3
0-7
Current sampling rate (D0 – D7)
n). Set Resolution (E8,XX)
UT84520 provides four resolutions selected by the second byte of this command as following:
Second Byte XX
Resolution
00
8 dots/count
01
4 dots/count
02
2 dots/count
03
1 dots/count
o). Set Autospeed (E7)
At the end of a sample interval in the stram mode, the current X and Y data values are converted new values.
The sign bits are not involved in this conversion. The conversion is only in stream mode. The relationship
between the input and output count is as following:
Input
Output
0
0
1
1
2
1
3
3
4
6
5
9
N ≧ 6
2 * N
p). Reset Autospeed (E6)
This command restore normal speed
(III). Microsoft PS/2 scrolling mouse mode:
(A)Entering procedure: Except in Wrap mode, while UT84520 received the following consecutive command:
i. F3 C8 for set sampling rate 200/sec
ii. F3 64 for set sampling rate 100/sec
iii F3 50 for set sampling rate 80/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com