Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT84520 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # UT84520
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT84520 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button UT84520 Datasheet HTML 5Page - Unisonic Technologies UT84520 Datasheet HTML 6Page - Unisonic Technologies UT84520 Datasheet HTML 7Page - Unisonic Technologies UT84520 Datasheet HTML 8Page - Unisonic Technologies UT84520 Datasheet HTML 9Page - Unisonic Technologies UT84520 Datasheet HTML 10Page - Unisonic Technologies UT84520 Datasheet HTML 11Page - Unisonic Technologies UT84520 Datasheet HTML 12Page - Unisonic Technologies UT84520 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
UTC UT84520
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD. 13
QW-R502-004,A
(B) Operation:
a. All the commands in legacy mode are still valid.
b. The ID code for Read Device Type command (F2) is changed from “00” to “03”.
c. Data report is changed to four byte format:
Byte
Bit
Description
1
0
Left button status; 1 = pressed
1
Right button status; 1=pressed
2
Middle button status; 1=pressed
3
Reserve
4
X data sign; 1=negative
5
Y data sign; 1=negative
6
X data overflow; 1=overflow
7
Y data overflow; 1=overflow
2
0-7
X data (D0-D7)
3
0-7
Y data (D0-D7)
4
0-7
Z data (D0-D7)
C) Exit for Microsoft scrolling mode:
There are two ways to exit:
a. Power off
b. Reset command (FF).
(IV). Z-axis Input Function:
(a). Photo couples input: Z-axis counter accumulates the Z1, Z2 phase changed by movement.
(b). Mechanical mode: The same as optical wheel mode.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com