Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5866AS Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5866AS
Description  D/A Converter for DSD and PCM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5866AS Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5866AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SM5866AS
NIPPON PRECISION CIRCUITS INC.—3
PIN DESCRIPTION
Number
Name
I/O1
1. Ip = input pin with built-in pull-up resistor
Description
1
TSTN
Ip
Test mode use only (tie HIGH or leave open for normal operation)
2
TO
O
Test mode use only (leave open for normal operation)
3
DVDD
–
Digital supply VDD
4
SDI
Ip
DSD data input
5
SBCKA
Ip
DSD bit clock input
6
SBCKD
Ip
DSD bit clock input (tie LOW for DSD normal input mode)
7
RSTN
Ip
System reset (active LOW)
8
DI
Ip
PCM data input
9
BCKI
Ip
PCM bit clock input
10
WCKI
Ip
PCM word clock input
11
DVSS
–
Digital ground VSS
12
BCPOL
Ip
DSD mode bit clock polarity select
13
DSPOL
Ip
DSD mode data polarity select
14
CVDD
–
System clock supply VDD
15
CKI
I
System clock
16
CVSS
–
System clock ground VSS
17
AVSSB
–
B-channel analog ground VSS
18
IOUTBN
O
B-channel analog output (inverse-phase)
19
IOUTB
O
B-channel analog output (in-phase)
20
RB
I
B-channel built-in resistor connection
21
AVDDB
–
B-channel analog supply VDD
22
AVDDA
–
A-channel analog supply VDD
23
IOUTAN
O
A-channel analog output (inverse-phase)
24
IOUTA
O
A-channel analog output (in-phase)
25
RA
I
A-channel built-in resistor connection
26
AVSSA
–
A-channel analog ground VSS
27
IMD0
Ip
Input mode select
28
IMD1
Ip
Input mode select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com