Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5866AS Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5866AS
Description  D/A Converter for DSD and PCM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5866AS Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5866AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SM5866AS
NIPPON PRECISION CIRCUITS INC.—5
Switching Characteristics
System clock (CKI)
Operating conditions 1: VDD = 4.5 to 5.5V, TOPR = –40 to 85°C
Operating conditions 2: VDD = 4.75 to 5.25V, TOPR = –40 to 70°C
Reset input (RSTN)
Parameter
Symbol
Rating
Unit
min
typ
max
HIGH-level clock pulsewidth
tCWH
7
–
100
ns
LOW-level clock pulsewidth
tCWL
7
–
100
ns
Clock pulse cycle
tCKI
27
–
200
ns
Parameter
Symbol
Rating
Unit
min
typ
max
HIGH-level clock pulsewidth
tCWH
7
–
100
ns
LOW-level clock pulsewidth
tCWL
7
–
100
ns
Clock pulse cycle
tCKI
22
–
200
ns
Parameter
Symbol
Conditions
Rating
Unit
min
typ
max
RSTN pulsewidth (active LOW)
tRSTN
At power-ON
1
–
–
µs
After power-ON
100
–
–
ns
0.5
∗DVDD
CKI
CWL
t
CWH
t
VIHC
VILC
CKI
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com