Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C46C Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-93C46C
Description  3-WIRE SERIAL E2PROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C46C Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-93C46C Datasheet HTML 17Page - Seiko Instruments Inc S-93C46C Datasheet HTML 18Page - Seiko Instruments Inc S-93C46C Datasheet HTML 19Page - Seiko Instruments Inc S-93C46C Datasheet HTML 20Page - Seiko Instruments Inc S-93C46C Datasheet HTML 21Page - Seiko Instruments Inc S-93C46C Datasheet HTML 22Page - Seiko Instruments Inc S-93C46C Datasheet HTML 23Page - Seiko Instruments Inc S-93C46C Datasheet HTML 24Page - Seiko Instruments Inc S-93C46C Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
3-WIRE SERIAL E2PROM
Rev.1.1_00
S-93C46C/56C/66C/76C/86C
21
Write Protect Function during the Low Power Supply Voltage
This IC provides a built-in detection circuit to detect a low power supply voltage. When the power supply voltage is low or
at power-on, the write instructions (WRITE, ERASE, WRAL, and ERAL) are cancelled, and the write disable (EWDS)
status is automatically set. The detection voltage and the release voltage are 1.2 V typ. (refer to Figure 20).
Therefore, when a write operation is performed after the power supply voltage has dropped and then risen again up to
the level at which writing is possible, a write enable instruction (EWEN) must be sent before a write instruction (WRITE,
ERASE, WRAL, or ERAL) is executed.
When the power supply voltage drops during a write operation, the data being written to an address at that time is not
guaranteed.
Write instructions are cancelled
Write disable status (EWDS) is automatically set
Release voltage (
+VDET)
1.2 V typ.
Power supply voltage
Detection voltage (
−VDET)
1.2 V typ.
Figure 20 Operation during the Low Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com