Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C46C Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-93C46C
Description  3-WIRE SERIAL E2PROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C46C Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-93C46C Datasheet HTML 1Page - Seiko Instruments Inc S-93C46C Datasheet HTML 2Page - Seiko Instruments Inc S-93C46C Datasheet HTML 3Page - Seiko Instruments Inc S-93C46C Datasheet HTML 4Page - Seiko Instruments Inc S-93C46C Datasheet HTML 5Page - Seiko Instruments Inc S-93C46C Datasheet HTML 6Page - Seiko Instruments Inc S-93C46C Datasheet HTML 7Page - Seiko Instruments Inc S-93C46C Datasheet HTML 8Page - Seiko Instruments Inc S-93C46C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
3-WIRE SERIAL E2PROM
Rev.1.1_00
S-93C46C/56C/66C/76C/86C
5
Pin Configuration
1. 8-Pin SOP (JEDEC)
7
6
5
8
2
3
4
1
Top view
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*1
Test
7
NC
No connection
8
VCC
Power supply
2. 8-Pin SOP (JEDEC) (Rotated)
7
6
5
8
2
3
4
1
Top view
Pin No.
Symbol
Description
1
NC
No connection
2
VCC
Power supply
3
CS
Chip select input
4
SK
Serial clock input
5
DI
Serial data input
6
DO
Serial data output
7
GND
Ground
8
TEST
*1
Test
3. 8-Pin TSSOP
7
6
5
8
2
3
4
1
Top view
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*1
Test
7
NC
No connection
8
VCC
Power supply
*1.
Connect to GND or the VCC pin, or set to open. Even if this pin is not connected, performance is not affected so
long as the absolute maximum rating is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com