Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3022P.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # K3022P..
Description  Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3022P.. Datasheet(HTML) 2 Page - Vishay Siliconix

  K3022P.. Datasheet HTML 1Page - Vishay Siliconix K3022P.. Datasheet HTML 2Page - Vishay Siliconix K3022P.. Datasheet HTML 3Page - Vishay Siliconix K3022P.. Datasheet HTML 4Page - Vishay Siliconix K3022P.. Datasheet HTML 5Page - Vishay Siliconix K3022P.. Datasheet HTML 6Page - Vishay Siliconix K3022P.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
K3020P, K3020PG Series
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 30-Aug-16
2
Document Number: 83505
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
Notes
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
(1) Test voltage must be applied within dV/dt ratings.
(2) IFT is defined as a minimum trigger current.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
5V
Forward current
IF
80
mA
Surge current
P.W. < 10 μs
IFSM
3A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
100
°C
OUTPUT
Peak off-state voltage
VDRM
400
V
On-state RMS current
ID(RMS)
100
mA
Peak surge current
tp  10 ms
IFSM
1.5
A
Power dissipation
Pdiss
300
mW
Junction temperature
Tj
100
°C
COUPLER
Total power dissipation
Ptot
350
mW
Storage temperature range
Tstg
-55 to +150
°C
Ambient temperature
Tamb
-55 to +100
°C
Junction temperature
Tj
100
°C
Lead soldering temperature
2 mm from case, t < 10 s
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 50 mA
VF
-1.3
1.6
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
OUTPUT
Forward peak off-state voltage
(repetitive)
IDRM = 100 nA
VDRM (1)
400
-
-
V
Peak on-state voltage
ITM = 100 mA
VTM
-1.5
3
V
Critical rate of rise of off-state
voltage
IF = 0 A, VD = 0.67 VDRM
dV/dtcr
-10
-
V/μs
Critical rate of rise of on-state
current commutation
VD = 30 VRMS, ID = 15 mARMS
dV/dtcrq
0.1
0.15
-
V/μs
COUPLER (2)
Emitting diode trigger current
VS = 3 V, RL = 150 
K3020P
IFT
-15
30
mA
K3020PG
IFT
-15
30
mA
K3021P
IFT
-8
15
mA
K3021PG
IFT
-8
15
mA
K3022P
IFT
-5
10
mA
K3022PG
IFT
-5
10
mA
K3023P
IFT
-3
5
mA
K3023PG
IFT
-3
5
mA
Holding current
IF = 10 mA, VS 3 V
IH
-
200
-
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com