Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3022P.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # K3022P..
Description  Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3022P.. Datasheet(HTML) 3 Page - Vishay Siliconix

  K3022P.. Datasheet HTML 1Page - Vishay Siliconix K3022P.. Datasheet HTML 2Page - Vishay Siliconix K3022P.. Datasheet HTML 3Page - Vishay Siliconix K3022P.. Datasheet HTML 4Page - Vishay Siliconix K3022P.. Datasheet HTML 5Page - Vishay Siliconix K3022P.. Datasheet HTML 6Page - Vishay Siliconix K3022P.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
K3020P, K3020PG Series
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 30-Aug-16
3
Document Number: 83505
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
PACKAGE DIMENSIONS (in millimeters)
DIP-6
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55 / 100 / 21
Pollution degree
According to DIN VDE 0109
2
Comparative tracking index
Insulation group IIIa
CTI
175
Maximum rated withstanding isolation voltage
According to UL1577, t = 1 min
VISO
4420
VRMS
Tested withstanding isolation voltage
According to UL1577, t = 1 s
VISO
5300
VRMS
Maximum transient isolation voltage
According to DIN EN 60747-5-5
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
According to DIN EN 60747-5-5
VIORM
890
Vpeak
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
Output safety power
PSO
265
mW
Input safety current
ISI
130
mA
Input safety temperature
TS
150
°C
Creepage distance
DIP-6
 7mm
Clearance distance
 7mm
Creepage distance
DIP-6, 400 mil
 8mm
Clearance distance
 8mm
Insulation thickness
DTI
 0.4
mm
Input to output test voltage, method A
VIORM x 1.6 = VPR, 100 % sample test
with tM = 10 s, partial discharge < 5 pC
VPR
1424
Vpeak
9.00 max.
8.60 ± 0.10
0.90 min.
1.27 ± 0.10
0.85 ± 0.10
0.50 ± 0.10
2.54 typ.
7.62 typ.
6.50 ± 0.25
3° to 9°
0.25 ± 0.10
Pin one I.D.
654
123



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com