Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSK07M Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HSK07M
Description  Glass passivated device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSK07M Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HSK07M Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSK07M Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSK07M Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSK07M Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. :HSK200801
Issued Date : 2008.10.28
Revised Date :
Page No. : 2/4
HSK07B0 thru HSK07M
HSMC Product Specification
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ.
Max.
Unit
forward voltage at 0.7A Maximum instantaneous (NOTE 4)
VF
-
-
1.15
V
Maximum DC reverse current @TA=25℃ at rated DC blockjing
voltage @TA=125℃
IR
--
--
50 10
μA
Typical junction capacitance (NOTE 5)
Cj
-
4
-
pF
NOTES: 4.Pulse test:300μs pulse width,1% duty cycle.
5.Measured at 1.0MHz and applied average voltage of 4.0V DC.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com