Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSK07M Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSK07M
Description  Glass passivated device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSK07M Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSK07M Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSK07M Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSK07M Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSK07M Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. :HSK200801
Issued Date : 2008.10.28
Revised Date :
Page No. : 1/4
HSK07B0 thru HSK07M
HSMC Product Specification
HSK07X Series
0.7 AMP. SURFACE MOUNT RECTIFIERS
Features
• Glass passivated device
• Ideal for surface mouted applications
SOD-123FL
• Low leakage current
• Metallurgically bonded construction
• High temperature soldering: 250°C/10 seconds at terminals
Mechanical Data
• Case:JEDEC SOD-123FL,molded plastic over passivated chip
• Terminals:Solder Plated, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end.
• Weight: 0.0008 ounces, 0.022 gram1.
• Mounting position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive
or inductive load. For capacitive load, derate current by 20%.
HSK07B HSK07D HSK07G HSK07J HSK07K HSK07M
Device marking code
RB
RD
RG
RJ
RK
RM
UNITS
Maximum recurrent peak reverse
voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
100
200
400
600
800
1000
V
Maximum average forword rectified
current TA=65℃ (NOTE 1)
I(AV)
0.7
A
on rated load TL=25℃ Peak
forward surge current 8.3ms single
half-sine-wave superimposed
IFSM
20
A
Typical thermal resistance (NOTE 2) RjθA
180
K/W
Maximum reverse recovery time
(NOTE 3)
trr
150
250
500
ns
Operating temperature range
Tj
-205
℃
Storage temperature range
TSTG
-205
℃
Note1: Averaged over any 20 ms period.
Note2 Thermal resistance junction to ambient, 6.0 mm2 coppeer pads to each terminal.
Note3:.Measured with IF=0.5A, IR=1A, Irr=0.25A.


Similar Part No. - HSK07M

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSK07X HSMC-HSK07X Datasheet
198Kb / 4P
0.7 AMP. SURFACE MOUNT RECTIFIERS
More results

Similar Description - HSK07M

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CLLDB3 CDIL-CLLDB3 Datasheet
199Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
GLASS PASSIVATED GLASS PASSIVATED
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Shenzhen Taychipst Elec...
EGP15A TAYCHIPST-EGP15A Datasheet
2Mb / 2P
INTERED GLASS PASSIVATED INTERED GLASS PASSIVATED
logo
Gaomi Xinghe Electronic...
A-1 GXELECTRONICS-A-1 Datasheet
382Kb / 2P
Glass passivated device
A1 GXELECTRONICS-A1 Datasheet
527Kb / 2P
Glass passivated device
logo
Continental Device Indi...
DIACDB3-22 CDIL-DIACDB3-22 Datasheet
101Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
DB3 CDIL-DB3 Datasheet
172Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
logo
HY ELECTRONIC CORP.
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
GLASS PASSIVATED GLASS PASSIVATED
logo
Shanghai Leiditech Elec...
LA1 LEIDITECH-LA1 Datasheet
603Kb / 2P
Glass passivated device Ideal for surface mouted applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com