Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5943BEEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5943BEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943BEEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5943BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FireWire Current Limiter and Low-Drop
ORing Switch Controller
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 7.5V to 37V, GND = 0V, and TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 12V, TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GATE2 Pulldown Current During
Any GATE2 Turn-Off Condition
IG2OFF
VGATE2 = VOUT + 4.5V (Note 4)
80
125
200
mA
GATE1 (ORing control)
OR_ADJ = GND
3
5
7
OR_ADJ = floating
5.5
7.5
9.5
ORing Switch Turn-On Current
Threshold Voltage
VOR
(VIN - VSENSE) rising
OR_ADJ = IN
8.5
10.5
12.8
mV
ORing Switch Turn-On Current
Threshold Voltage Hysteresis
(VIN - VSENSE) falling
0.5
mV
GATE1 Pullup Current
IG1U
(Note 5)
36
45
54
µA
7.5V
≤ VIN ≤ 8V
4.25
5.5
6.5
GATE1 High Voltage
VG1
VGATE1 - VSENSE
8V
≤ VIN ≤ 37V
4.5
5.5
6.5
V
GATE1 Turn-Off Switch On-
Resistance
RG1
Measured between GATE1 and SENSE
when (VIN - VSENSE) < VOR
23
Ω
LOGIC INPUTS
IIX
Current into or out of input for tri-state logic
condition
-3
+3
IIXL
Current out of input for logic low
20
ILIM, OR_ADJ Input-Logic
Tristate Current Tolerance
(Note 6)
IIH
Current into input for logic high
20
µA
VIL
VON > VON_REF
0.7
V
LATCH, ONQ1 Input-Logic Low
Voltage
IIL
LATCH, ONQ1 = GND, VON > VON_REF
1µA
LATCH, ONQ1 Input-Logic High
Voltage
VIH
VON > VON_REF
1.8
V
LATCH, ONQ1 Input Current
IIH
All voltages = VIN, VON > VON_REF
1µA
TIM, ILIM, LATCH, OR_ADJ,
OUT, ONQ1 Shutdown Mode
Input Current
IIH_SD
All voltages = VIN, VON ≤ 0.4V
1
µA
FAULT Output Low Voltage
VOL
Low-impedance state, I FAULT = 5mA
0.12
0.25
V
FAULT Output High Leakage
Current
IOH
High-impedance state, V FAULT = 37V
1
µA
TIMING
TIM = IN
1.78
2.02
2.26
ms
RTIM = 4kΩ
0.87
1.04
1.21
ms
RTIM = 50kΩ
9.2
11.05
12.9
ms
Current-Limit Timeout
(MAX5943A)
tILIM
Current-limit mode
(Note 7)
TIM = floating
120
175
225
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com