Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5943BEEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5943BEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943BEEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5943BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
FireWire Current Limiter and Low-Drop
ORing Switch Controller
_______________________________________________________________________________________
5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
35
30
20
25
15
10
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
1.0
540
TA = +85°C
TA = +25°C
TA = -40°C
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
35
30
20
25
15
10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
540
CURRENT-LIMIT/CIRCUIT-BREAKER
THRESHOLD VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
46.5
47.0
47.5
48.0
48.5
49.0
49.5
50.0
50.5
51.0
51.5
52.0
46.0
-40
85
ILIM = GND
VIN = 32V
VIN = 12V
VIN = 7.5V
CURRENT-LIMIT/CIRCUIT-BREAKER
THRESHOLD VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
56.5
57.0
57.5
58.0
58.5
59.0
59.5
60.0
60.5
61.0
61.5
62.0
56.0
-40
85
ILIM = IN
VIN = 32V
VIN = 12V
VIN = 7.5V
CURRENT-LIMIT/CIRCUIT-BREAKER
THRESHOLD VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
36.5
37.0
37.5
38.0
38.5
39.0
39.5
40.0
40.5
41.0
41.5
42.0
36.0
-40
85
ILIM = FLOATING
TIMEOUT PERIOD vs. RTIM
RTIM (kΩ)
100
10
0.1
1
10
100
0.01
1
1000
MAX5943A
MAX5943E
ORing THRESHOLD VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
4.0
-40
85
5.5
6.5
7.5
8.5
9.5
10.5
11.5
4.5
OR_ADJ = IN
OR_ADJ = OPEN
OR_ADJ = GND
GATE CURRENTS vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-40
85
GATE2
44.5
45.0
45.5
46.0
46.5
47.0
44.0
GATE1
GATE1 DRIVE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
5.233
5.236
5.239
5.242
5.245
5.248
5.251
5.254
5.257
5.260
5.230
-40
85
Typical Operating Characteristics
(VIN = +12V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com