Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD035VX2 Datasheet(PDF) 18 Page - AZ Displays

Part # PD035VX2
Description  TFT-LCD Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX2 Datasheet(HTML) 18 Page - AZ Displays

Back Button PD035VX2 Datasheet HTML 14Page - AZ Displays PD035VX2 Datasheet HTML 15Page - AZ Displays PD035VX2 Datasheet HTML 16Page - AZ Displays PD035VX2 Datasheet HTML 17Page - AZ Displays PD035VX2 Datasheet HTML 18Page - AZ Displays PD035VX2 Datasheet HTML 19Page - AZ Displays PD035VX2 Datasheet HTML 20Page - AZ Displays PD035VX2 Datasheet HTML 21Page - AZ Displays PD035VX2 Datasheet HTML 22Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
PD035VX2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:18
12. Power On Sequence
V SS (0 V )
V GG
ON
OF F
OF F
V DD 1 ,V CC
V EE
T1
T2
T3
T4
L ogi c s i gna l
R G B - V i d e o s i gna l
V DD 2
1 0 ms
1 0 ms
B l ack l i g h t
O N
OF F
OF F
1) 10ms≦T1<T2
2) 0ms<T3≦T4≦10ms
13. Optical Characteristics
13-1) Specification:
Ta=25℃
Parameter
Symbol
Condition
MIN.
TYP. MAX.
Unit
Remarks
Horizontal
θ21, θ22
±45
±50
-
deg
θ12
(to12o’clock)
10
15
-
deg
Viewing
Angle
Vertical
θ11
(to 6 o’clock)
CR>10
30
35
-
deg
Note 13-2
Contrast Ratio
CR
-
200
400
-
-
Note 13-4
Rise
Tr
-
15
30
ms
Response time
Fall
Tf
θ=0°
-
25
50
ms
Note 13-3
Brightness
L
θ=0°
200
250
-
cd/㎡
Note 13-1
Uniformity
U
θ=0°
70
75
-
%
Note 13-5
Cross Talk
-
θ=0°
-
-
3
%
Note 13-6
x
-
0.28
0.310
0.34
-
White Chromaticity
y
-
0.30
0.330
0.36
-
Note 13-1
LED Life Time
-
Ta=25℃
-
30000
-
hrs
All the optical measurement shall be executed 1 minute after backlight being turn-on. The optical
characteristics shall be measured in dark room (ambient illumination on panel surface less than 1 Lux). The
measuring configuration shows as following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com