Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD035VX2 Datasheet(PDF) 19 Page - AZ Displays

Part # PD035VX2
Description  TFT-LCD Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX2 Datasheet(HTML) 19 Page - AZ Displays

Back Button PD035VX2 Datasheet HTML 15Page - AZ Displays PD035VX2 Datasheet HTML 16Page - AZ Displays PD035VX2 Datasheet HTML 17Page - AZ Displays PD035VX2 Datasheet HTML 18Page - AZ Displays PD035VX2 Datasheet HTML 19Page - AZ Displays PD035VX2 Datasheet HTML 20Page - AZ Displays PD035VX2 Datasheet HTML 21Page - AZ Displays PD035VX2 Datasheet HTML 22Page - AZ Displays PD035VX2 Datasheet HTML 23Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
PD035VX2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:19
DC/AC Inverter
Photometer (TOPCON
BM-5A or BM-7 fast)
Field = 1
°
TFT-LCD module
Optical characteristics measuring configuration
Note 13-1: 1.Topcon BM-5A or BM-7 fast luminance meter 1° field of view is used in the testing
(after 1
minute operation).
Note 13-2: The definitions of viewing angles are as follow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com