Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS03LL4 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KS03LL4
Description  20W, 3V Ultra Low Capacitance ESD Protection for High- Speed Interfaces
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KS03LL4 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KS03LL4 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KS03LL4 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KS03LL4 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KS03LL4
20W, 3V
Ultra Low Capacitance
ESD Protection for High-Speed Interfaces
Elektronische Bauelemente
18-May-2016 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
5P
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-fre
DESCRIPTION
The device is designed to protect voltage sensitive electronic
components from ESD and other transients. Its excellent clamping
capability, low leakage, low capacitance and, fast response time
provide the highest class protection on designs exposed to ESD.
The combination of small size, low capacitance and, high level
ESD protection makes them a flexible solution for applications such
as HDMI, Display Port TM and, MDDI interfaces. The device is
designed to replace multiplayer varistors (MLV) in consumers’
equipments such as mobile phone, notebook, PAD, STB, LCD TV etc.
APPLICATIONS
Audio and video equipment
Portable devices
Computers and peripherals
Cellular handsets and accessories
FEATURES
Uni-directional ESD protection of four lines
Low leakage current
Low reverse clamping voltage
Fast response time
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-553
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Rating
Symbol
Value
Unit
IEC 61000-4-2 ESD Voltage
1
Air model
VESD
±9
kV
Contact model
±8
JESD22-A114-B ESD Voltage
1
Per human body model
±15
ESD Voltage
1
Machine model
±0.4
Peak Pulsed Power
2
PPK
20
W
Peak Pulsed Current
2
IPP
2.5
A
Maximum Lead temperature@ 10-second duration
TL
260
°C
Junction and Storage Temperature Range
TJ, TSTG
150, -55 ~ 150
°C
Notes:
1.
The device is stressed with 10 non-repetitive ESD pulses at per channel (I/O to GND).
2.
According to IEC61000-4-5, the waveform of 8/20
µs non-repetitive current pulse decays by exponents.
SOT-553
E
F
J
B
C
D
G
A
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.20
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.60
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
-
0.05


Similar Part No. - KS03LL4

ManufacturerPart #DatasheetDescription
logo
Lumberg
KS03 LUMBERG-KS03 Datasheet
440Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
logo
Powerex Power Semicondu...
KS031 POWEREX-KS031 Datasheet
66Kb / 2P
Base Drive Transistor Module (5 Amperes/1000 Volts)
KS0312A0 POWEREX-KS0312A0 Datasheet
169Kb / 4P
Base Drive Transistor Module (5 Amperes/1200 Volts)
KS031KA0 POWEREX-KS031KA0 Datasheet
66Kb / 2P
Base Drive Transistor Module (5 Amperes/1000 Volts)
More results

Similar Description - KS03LL4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1263-02SE ONSEMI-CM1263-02SE Datasheet
116Kb / 6P
Low Capacitance ESD Protection for High-Speed Serial Interfaces
April 2010 Rev. 2
CM1263-06DE ONSEMI-CM1263-06DE Datasheet
283Kb / 7P
Low Capacitance ESD Protection for High-Speed Serial Interfaces
April 2010 ??Rev. 3
logo
NXP Semiconductors
IP4283CZ10 NXP-IP4283CZ10 Datasheet
72Kb / 10P
ESD protection for ultra high-speed interfaces
Rev. 01-7 May 2009
logo
SeCoS Halbleitertechnol...
KS05LL4 SECOS-KS05LL4 Datasheet
256Kb / 3P
Ultra Low Capacitance ESD Protection for high- speed interfaces
KS05UL5 SECOS-KS05UL5 Datasheet
775Kb / 3P
Ultra Low Capacitance ESD Protection for high-speed interfaces
KS05ULA5 SECOS-KS05ULA5 Datasheet
289Kb / 3P
Ultra Low Capacitance ESD Protection for high- speed interfaces
SBESD5301N SECOS-SBESD5301N Datasheet
354Kb / 3P
Ultra Low Capacitance ESD Protection for high-speed interfaces
logo
ON Semiconductor
CM1263-02SE ONSEMI-CM1263-02SE_11 Datasheet
87Kb / 4P
Low Capacitance ESD Protection for High-Speed Serial Interfaces
March, 2011 ??Rev. 3
CM1263-06DE ONSEMI-CM1263-06DE_13 Datasheet
98Kb / 4P
Low Capacitance ESD Protection for High-Speed Serial Interfaces
September, 2013 ??Rev. 5
logo
SeCoS Halbleitertechnol...
SBESD0801S SECOS-SBESD0801S Datasheet
165Kb / 3P
56W, 5V Ultra Low Capacitance ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com