Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS03LL4 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KS03LL4
Description  20W, 3V Ultra Low Capacitance ESD Protection for High- Speed Interfaces
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KS03LL4 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KS03LL4 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KS03LL4 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KS03LL4 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KS03LL4
20W, 3V
Ultra Low Capacitance
ESD Protection for High-Speed Interfaces
Elektronische Bauelemente
18-May-2016 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Reverse Working Voltage
VRWM
-
-
3
V
Reverse Leakage Current
IR
VRWM=3V
-
-
1
µA
Reverse Breakdown Voltage
VBR
IT=1mA
5.3
-
5.9
V
Forward Voltage
VF
IF=10mA
-
-
0.9
V
Clamping Voltage
1
VC
IPP=2.5A
-
-
8
V
Junction Capacitance
CJ
VR=0, f=1MHz
-
9
-
pF
Notes:
1.
According to IEC61000-4-5, the waveform of 8/20
µs non-repetitive current pulse decays by exponents.
ESD STANDARDS COMPLIANCE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com